Electronic Components Datasheet Search
  English  ▼

X  

MAX5404 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5404
Description  Dual 256-Tap, Low-Drift, Digital Potentiometers in 10-關MAX
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5404 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5404 Datasheet HTML 2Page - Maxim Integrated Products MAX5404 Datasheet HTML 3Page - Maxim Integrated Products MAX5404 Datasheet HTML 4Page - Maxim Integrated Products MAX5404 Datasheet HTML 5Page - Maxim Integrated Products MAX5404 Datasheet HTML 6Page - Maxim Integrated Products MAX5404 Datasheet HTML 7Page - Maxim Integrated Products MAX5404 Datasheet HTML 8Page - Maxim Integrated Products MAX5404 Datasheet HTML 9Page - Maxim Integrated Products MAX5404 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Adjustable Voltage Reference
In Figure 7a, the MAX5403/MAX5404/MAX5405 is
shown with the MAX6160 to make an adjustable volt-
age reference. In this circuit, the HX pin of the
MAX5403/MAX5404/MAX5405 is connected to the OUT
pin of the MAX6160, the LX pin of the MAX5403/
MAX5404/MAX5405 is connected to GND, and the WX
pin of the MAX5403/MAX5404/MAX5405 is connected
to the ADJ pin of the MAX6160. The MAX5403/
MAX5404/MAX5405 allow precise setting of the voltage
reference output. A low 5ppm/°C ratiometric tempco
allows a very stable, adjustable voltage over tempera-
ture.
Dual 256-Tap, Low-Drift,
Digital Potentiometers in 10-µMAX
_______________________________________________________________________________________
9
ADDRESS
DATA WORD
B0 (A0)
B1 (D7)
B2 (D6)
B3 (D5)
B4 (D4)
B5 (D3)
B6 (D2)
B7 (D1)
B8 (D0)
(MSB)
(LSB)
First Bit In
Last Bit In
Figure 4. Serial Data Format
Figure 5. I to V Converter
V0 / IS = R3 (1 + R2/R1) + R2
+5V
R3
R1
R2
V0
LA
WA
MAX4250
MAX5403
MAX5404
MAX5405
Figure 6a. Adjustable Gain Circuit Using: 2-Terminal Variable
Resistor
VCC
WA
VOUT
MAX5403
MAX5404
MAX5405
LA
Figure 7a. Adjustable Voltage Reference Using: 3-Terminal
Potentiometer
VOREF = 12.3kV ✕
Ω / (100kΩ ✕ C / 255) for MAX5403
VOREF = 61.5kV ✕
Ω / (50kΩ ✕ C / 255) for MAX5404
VOREF = 123kV ✕
Ω / (100kΩ ✕ C / 255) for MAX5405
WHERE C IS ANY CODE BEING WRITTEN TO A DEVICE.
MAX6160
OUT
ADJ
GND
VIN
+5V
VOREF
WB
LB
HB
Figure 6b. Adjustable Gain Circuit Using: 3-Terminal
Potentiometer
VCC
VIN
LB
HB
WB
VOUT
MAX5403
MAX5404
MAX5405



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com