Electronic Components Datasheet Search
  English  ▼

X  

MAX5404 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5404
Description  Dual 256-Tap, Low-Drift, Digital Potentiometers in 10-關MAX
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5404 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5404 Datasheet HTML 1Page - Maxim Integrated Products MAX5404 Datasheet HTML 2Page - Maxim Integrated Products MAX5404 Datasheet HTML 3Page - Maxim Integrated Products MAX5404 Datasheet HTML 4Page - Maxim Integrated Products MAX5404 Datasheet HTML 5Page - Maxim Integrated Products MAX5404 Datasheet HTML 6Page - Maxim Integrated Products MAX5404 Datasheet HTML 7Page - Maxim Integrated Products MAX5404 Datasheet HTML 8Page - Maxim Integrated Products MAX5404 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Dual 256-Tap, Low-Drift,
Digital Potentiometers in 10-µMAX
_______________________________________________________________________________________
5
-0.16
-0.12
-0.14
-0.08
-0.10
-0.04
-0.06
-0.02
0.02
0.00
0.04
128 160
0
64
96
32
192 224 256
VARIABLE RESISTOR INL
vs. INPUT CODE (50k
Ω)
INPUT CODE (DECIMAL)
0.04
0.03
0.02
0.01
0.00
0.06
0.05
0.08
0.07
0.10
0.11
0.12
INPUT CODE (DECIMAL)
128
160
064
96
32
192 224
256
VARIABLE RESISTOR DNL
vs. INPUT CODE (100k
Ω)
-0.01
-0.02
0.09
INPUT CODE (DECIMAL)
128
160
064
96
32
192 224
256
VARIABLE RESISTOR INL
vs. INPUT CODE (100k
Ω)
-0.20
-0.10
-0.15
0.00
-0.05
0.10
0.05
0.15
INPUT CODE (DECIMAL)
128
160
064
96
32
192 224
256
VOLTAGE-DIVIDER DNL
vs. INPUT CODE (10k
Ω)
-0.02
0.01
0.00
-0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
INPUT CODE (DECIMAL)
128
160
064
96
32
192 224
256
VOLTAGE-DIVIDER INL
vs. INPUT CODE (10k
Ω)
-0.20
-0.10
-0.15
0.00
-0.05
0.10
0.05
0.15
INPUT CODE (DECIMAL)
128
160
064
96
32
192 224
256
VOLTAGE-DIVIDER DNL
vs. INPUT CODE (50k
Ω)
-0.02
0.01
0.00
-0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
INPUT CODE (DECIMAL)
128
160
064
96
32
192 224
256
VOLTAGE-DIVIDER INL
vs. INPUT CODE (50k
Ω)
-0.20
-0.10
-0.15
0.00
-0.05
0.10
0.05
0.15
INPUT CODE (DECIMAL)
128
160
064
96
32
192 224
256
VOLTAGE-DIVIDER DNL
vs. INPUT CODE (100k
Ω)
-0.02
0.01
0.00
-0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
INPUT CODE (DECIMAL)
128
160
064
96
32
192 224
256
VOLTAGE-DIVIDER INL
vs. INPUT CODE (100k
Ω)
-0.20
-0.10
-0.15
0.00
-0.05
0.10
0.05
0.15
Typical Operating Characteristics (continued)
(VDD = +5.0V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com