Electronic Components Datasheet Search
  English  ▼

X  

S1131 Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S1131
Description  HIGH RIPPLE-REJECTION AND LOW DROPOUT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1131 Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S1131 Datasheet HTML 3Page - Seiko Instruments Inc S1131 Datasheet HTML 4Page - Seiko Instruments Inc S1131 Datasheet HTML 5Page - Seiko Instruments Inc S1131 Datasheet HTML 6Page - Seiko Instruments Inc S1131 Datasheet HTML 7Page - Seiko Instruments Inc S1131 Datasheet HTML 8Page - Seiko Instruments Inc S1131 Datasheet HTML 9Page - Seiko Instruments Inc S1131 Datasheet HTML 10Page - Seiko Instruments Inc S1131 Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.1_00
S-1131 Series
Seiko Instruments Inc.
7
Table 4
Pin No.
Symbol
Description
1
VOUT
Output voltage pin
2
VSS
GND pin
3
NC
*1
No connection
4
NC
*1
No connection
5
ON/OFF
ON/OFF pin
6
VIN
Input voltage pin
*1. The NC pin is electrically open.
The NC pin can be connected to the VIN pin or the VSS pin.
*1.
Connect the exposed thermal
die pad at shadowed area to
the board, and set electric
potential open or VSS.
However, do not use it as the
function of electrode.
*2. Be careful of the contact with
other wires because the pinch
lead has the same electric
potential as VSS.
6-Pin HSON(A)
Top view
6
5
4
1
2
3
Bottom view
*1
1
2
3
6
5
4
*2
Figure 5
Absolute Maximum Ratings
Table 5
(Ta = 25
°C unless otherwise specified)
Item
Symbol
Absolute Maximum Rating
Unit
VIN
VSS − 0.3 to VSS + 7
V
Input voltage
VON/OFF
VSS − 0.3 to VIN + 0.3
V
Output voltage
VOUT
VSS − 0.3 to VIN + 0.3
V
SOT-89-3
500
mW
SOT-89-5
500
mW
Power
dissipation
6-Pin HSON(A)
PD
500
mW
Operation ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
°C
Caution The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com