Electronic Components Datasheet Search
  English  ▼

X  

S1131 Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S1131
Description  HIGH RIPPLE-REJECTION AND LOW DROPOUT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1131 Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S1131 Datasheet HTML 9Page - Seiko Instruments Inc S1131 Datasheet HTML 10Page - Seiko Instruments Inc S1131 Datasheet HTML 11Page - Seiko Instruments Inc S1131 Datasheet HTML 12Page - Seiko Instruments Inc S1131 Datasheet HTML 13Page - Seiko Instruments Inc S1131 Datasheet HTML 14Page - Seiko Instruments Inc S1131 Datasheet HTML 15Page - Seiko Instruments Inc S1131 Datasheet HTML 16Page - Seiko Instruments Inc S1131 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.1_00
S-1131 Series
Seiko Instruments Inc.
13
Operation
1. Basic operation
Figure 13 shows the block diagram of the S-1131 Series.
The error amplifier compares the reference voltage (Vref) with feedback voltage (Vfb), which is the output
voltage resistance-divided by feedback resistors (Rs and Rf). It supplies the gate voltage necessary to
maintain the constant output voltage which is not influenced by the input voltage and temperature
change, to the output transistor.
*1
*1. Parasitic diode
VSS
Current
supply
−
+
Vfb
Vref
VIN
VOUT
Rf
Rs
Error
amplifier
Reference voltage
circuit
Figure 13
2. Output transistor
In the S-1131 Series, a low on-resistance P-channel MOS FET is used as the output transistor.
Be sure that VOUT does not exceed VIN + 0.3 V to prevent the voltage regulator from being damaged due
to reverse current flowing from the VOUT pin through a parasitic diode to the VIN pin, when the potential
of VOUT became higher than VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com