Electronic Components Datasheet Search
  English  ▼

X  

S1131 Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # S1131
Description  HIGH RIPPLE-REJECTION AND LOW DROPOUT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1131 Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S1131 Datasheet HTML 8Page - Seiko Instruments Inc S1131 Datasheet HTML 9Page - Seiko Instruments Inc S1131 Datasheet HTML 10Page - Seiko Instruments Inc S1131 Datasheet HTML 11Page - Seiko Instruments Inc S1131 Datasheet HTML 12Page - Seiko Instruments Inc S1131 Datasheet HTML 13Page - Seiko Instruments Inc S1131 Datasheet HTML 14Page - Seiko Instruments Inc S1131 Datasheet HTML 15Page - Seiko Instruments Inc S1131 Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1131 Series
Rev.4.1_00
Seiko Instruments Inc.
12
6. Output voltage temperature coefficient ⎝
⎛
⎠
⎞
ΔV
OUT
ΔTa • V
OUT
The shaded area in Figure 12 is the range where VOUT varies in the operation temperature range when
the output voltage temperature coefficient is
±100 ppm/°C.
VOUT(E)1
*1
Example of S-1131B28 typ. product
−40
+25
+0.28 mV/°C
VOUT
[V]
*1.
VOUT(E)1 is the value of the output voltage measured at Ta = +25°C.
+85
Ta [
°C]
−0.28 mV/°C
Figure 12
A change in the temperature of the output voltage [mV/°C] is calculated using the following equation.
ΔV
OUT
ΔTa []
mV/°C
*1 = V
OUT(S) []
V
*2
×
ΔV
OUT
ΔTa • V
OUT
[]
ppm/°C
*3
÷ 1000
*1. Change in temperature of output voltage
*2. Set output voltage
*3. Output voltage temperature coefficient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com