Electronic Components Datasheet Search
  English  ▼

X  

S1131 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S1131
Description  HIGH RIPPLE-REJECTION AND LOW DROPOUT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1131 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S1131 Datasheet HTML 1Page - Seiko Instruments Inc S1131 Datasheet HTML 2Page - Seiko Instruments Inc S1131 Datasheet HTML 3Page - Seiko Instruments Inc S1131 Datasheet HTML 4Page - Seiko Instruments Inc S1131 Datasheet HTML 5Page - Seiko Instruments Inc S1131 Datasheet HTML 6Page - Seiko Instruments Inc S1131 Datasheet HTML 7Page - Seiko Instruments Inc S1131 Datasheet HTML 8Page - Seiko Instruments Inc S1131 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
S-1131 Series
www.sii-ic.com
HIGH RIPPLE-REJECTION AND LOW DROPOUT
MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
© Seiko Instruments Inc., 2002-2014
Rev.4.1_00
Seiko Instruments Inc.
1
The S-1131 Series is a positive voltage regulator with a low dropout voltage, high-accuracy output voltage, and
low current consumption developed based on CMOS technology.
A built-in low on-resistance transistor provides a low dropout voltage and large output current, and a built-in
overcurrent protection circuit prevents the load current from exceeding the current capacitance of the output
transistor. An ON/OFF circuit ensures a long battery life, and small SOT-89-3, SOT-89-5 and 6-Pin HSON(A)
packages realize high-density mounting.
Features
• Output voltage:
1.5 V to 5.5 V, selectable in 0.1 V step
• Output voltage accuracy:
±1.0%
• Dropout voltage:
250 mV typ. (3.0 V output product, IOUT = 100 mA)
• Current consumption:
During operation: 35
μA typ., 65 μA max.
During power-off: 0.1
μA typ., 1.0 μA max.
• Output current:
Possible to output 300 mA (VIN ≥ VOUT(S) + 1.0 V)
*1
• Ripple rejection:
70 dB typ. (f = 1.0 kHz)
• Built-in overcurrent protection circuit:
Limits overcurrent of output transistor.
• Built-in ON/OFF circuit:
Ensures long battery life.
• Operation temperature range:
Ta =
−40°C to +85°C
• Lead-free, Sn 100%, halogen-free*2
*1. Attention should be paid to the power dissipation of the package when the output current is large.
*2. Refer to “
Product Name Structure” for details.
Applications
• Constant-voltage power supply for DVD and CD-ROM drive
• Constant-voltage power supply for battery-powered device
• Constant-voltage power supply for personal communication device
• Constant-voltage power supply for note book PC
Packages
• SOT-89-3
• SOT-89-5
• 6-Pin HSON(A)


Similar Part No. - S1131

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
S113 SSOUSA-S113 Datasheet
330Kb / 8P
Zero-Volt Cross Switching
logo
Solid State Inc
S113 SOLIDSTATE-S113 Datasheet
345Kb / 8P
Zero-Volt Cross Switching
logo
Solid State Optronic
S113-X SSOUSA-S113-X Datasheet
347Kb / 8P
Zero-Volt Cross Switching
logo
Solid State Inc
S113-X SOLIDSTATE-S113-X Datasheet
361Kb / 8P
Zero-Volt Cross Switching
logo
Seiko Instruments Inc
S1132 SII-S1132 Datasheet
573Kb / 35P
HIGH RIPPLE-REJECTION AND LOW DROPOUT
More results

Similar Description - S1131

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1111 SII-S-1111 Datasheet
290Kb / 25P
HIGH RIPPLE-REJECTION LOW DROPOUT
SL2980 SII-SL2980 Datasheet
367Kb / 23P
HIGH RIPPLE-REJECTION AND LOW DROPOUT
S1701 SII-S1701 Datasheet
935Kb / 71P
HIGH RIPPLE-REJECTION LOW DROPOUT
S1172 SII-S1172 Datasheet
554Kb / 35P
HIGH RIPPLE-REJECTION LOW DROPOUT
S1170 SII-S1170 Datasheet
685Kb / 30P
HIGH RIPPLE-REJECTION AND LOW DROPOUT
S1165 SII-S1165 Datasheet
397Kb / 23P
HIGH RIPPLE-REJECTION LOW DROPOUT
S1155 SII-S1155 Datasheet
486Kb / 28P
HIGH RIPPLE-REJECTION LOW DROPOUT
S1135 SII-S1135 Datasheet
924Kb / 48P
HIGH RIPPLE-REJECTION LOW DROPOUT
S1132 SII-S1132 Datasheet
573Kb / 35P
HIGH RIPPLE-REJECTION AND LOW DROPOUT
S1112 SII-S1112 Datasheet
664Kb / 30P
HIGH RIPPLE-REJECTION AND LOW DROPOUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com