Electronic Components Datasheet Search
  English  ▼

X  

S1131 Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S1131
Description  HIGH RIPPLE-REJECTION AND LOW DROPOUT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1131 Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S1131 Datasheet HTML 4Page - Seiko Instruments Inc S1131 Datasheet HTML 5Page - Seiko Instruments Inc S1131 Datasheet HTML 6Page - Seiko Instruments Inc S1131 Datasheet HTML 7Page - Seiko Instruments Inc S1131 Datasheet HTML 8Page - Seiko Instruments Inc S1131 Datasheet HTML 9Page - Seiko Instruments Inc S1131 Datasheet HTML 10Page - Seiko Instruments Inc S1131 Datasheet HTML 11Page - Seiko Instruments Inc S1131 Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1131 Series
Rev.4.1_00
Seiko Instruments Inc.
8
Electrical Characteristics
Table 6
(Ta = 25
°C unless otherwise specified)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
Circuit
VOUT(E)1
VIN = VOUT(S) + 1.0 V, IOUT = 30 mA
VOUT(S)
× 0.99
VOUT(S)
VOUT(S)
× 1.01
V
1
Output voltage
*1
VOUT(E)2
VIN = VOUT(S) + 1.0 V, IOUT = 80 mA
VOUT(S)
× 0.98
VOUT(S)
VOUT(S)
× 1.02
V
1
Output current
*2
IOUT
VIN ≥ VOUT(S) + 1.0 V
300
*5
⎯
⎯
mA
3
VOUT(S) = 1.5 V
⎯
1.00
1.05
V
1
VOUT(S) = 1.6 V
⎯
0.90
0.95
V
1
VOUT(S) = 1.7 V
⎯
0.80
0.85
V
1
VOUT(S) = 1.8 V
⎯
0.70
0.75
V
1
VOUT(S) = 1.9 V
⎯
0.60
0.65
V
1
VOUT(S) = 2.0 V
⎯
0.50
0.60
V
1
VOUT(S) = 2.1 V
⎯
0.40
0.55
V
1
2.2 V
≤ V
OUT(S) ≤ 2.5 V
⎯
0.30
0.49
V
1
2.6 V
≤ V
OUT(S) ≤ 3.3 V
⎯
0.25
0.34
V
1
Dropout voltage
*3
Vdrop
IOUT = 100 mA
3.4 V
≤ V
OUT(S) ≤ 5.5 V
⎯
0.20
0.28
V
1
Line regulation
OUT
IN
OUT1
V
V
V
•
Δ
Δ
VOUT(S) + 0.5 V ≤ VIN ≤ 6.5 V,
IOUT = 80 mA
⎯
0.05
0.2
%/V
1
Load regulation
ΔV
OUT2
VIN = VOUT(S) + 1.0 V,
1.0 mA
≤ I
OUT ≤ 80 mA
⎯
20
40
mV
1
Output voltage
temperature coefficient
*4
OUT
OUT
V
Ta
V
•
Δ
Δ
VIN = VOUT(S) + 1.0 V, IOUT = 10 mA,
−40°C ≤ Ta ≤ 85°C
⎯
±100
⎯
ppm
/
°C
1
Current consumption
during operation
ISS1
VIN = VOUT(S) + 1.0 V, ON/OFF pin = ON,
no load
⎯
35
65
μA
2
Input voltage
VIN
⎯
2.0
⎯
6.5
V
⎯
Ripple rejection
RR
VIN = VOUT(S) + 1.0 V, f = 1.0 kHz,
ΔV
rip = 0.5 Vrms, IOUT = 80 mA
⎯
70
⎯
dB
5
Short-circuit current
Ishort
VIN = VOUT(S) + 1.0 V, ON/OFF pin = ON,
VOUT = 0 V
⎯
450
⎯
mA
3
Current consumption
during power-off
ISS2
VIN = VOUT(S) + 1.0 V, ON/OFF pin = OFF,
no load
⎯
0.1
1.0
μA
2
ON/OFF pin
input voltage “H”
VSH
VIN = VOUT(S) + 1.0 V, RL = 1.0 kΩ
1.5
⎯
⎯
V
4
ON/OFF pin
input voltage “L”
VSL
VIN = VOUT(S) + 1.0 V, RL = 1.0 kΩ
⎯
⎯
0.3
V
4
ON/OFF pin
input current “H”
ISH
VIN = 6.5 V, VON/OFF = 6.5 V
−0.1
⎯
0.1
μA
4
ON/OFF pin
input current “L”
ISL
VIN = 6.5 V, VON/OFF = 0 V
−0.1
⎯
0.1
μA
4
*1. V
OUT(S):
Set output voltage
VOUT(E)1: Actual output voltage
Output voltage when fixing IOUT(= 30 mA) and inputting VOUT(S) + 1.0 V
VOUT(E)2: Actual output voltage
Output voltage when fixing IOUT(= 80 mA) and inputting VOUT(S) + 1.0 V
*2. The output current at which the output voltage becomes 95% of V
OUT(E)1 after gradually increasing the output current.
*3. V
drop = VIN1 − (VOUT3 × 0.98)
VOUT3 is the output voltage when VIN = VOUT(S) + 1.0 V and IOUT = 100 mA.
VIN1 is the input voltage at which the output voltage becomes 98% of VOUT3 after gradually decreasing the input voltage.
*4. A change in the temperature of the output voltage [mV/°C] is calculated using the following equation.
ΔV
OUT
ΔTa []
mV/°C
*1 = V
OUT(S)
[]
V
*2 ×
ΔV
OUT
ΔTa • V
OUT
[]
ppm/°C
*3 ÷ 1000
*1. Change in temperature of the output voltage
*2. Set output voltage
*3. Output voltage temperature coefficient
*5. The output current can be at least this value.
Due to restrictions on the package power dissipation, this value may not be satisfied. Attention should be paid to the power
dissipation of the package when the output current is large.
This specification is guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com