Electronic Components Datasheet Search
  English  ▼

X  

MAX552 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX552
Description  3V/5V, 12-Bit, Serial, Multiplying DACs in 10-Pin 關MAX Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX552 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX552 Datasheet HTML 4Page - Maxim Integrated Products MAX552 Datasheet HTML 5Page - Maxim Integrated Products MAX552 Datasheet HTML 6Page - Maxim Integrated Products MAX552 Datasheet HTML 7Page - Maxim Integrated Products MAX552 Datasheet HTML 8Page - Maxim Integrated Products MAX552 Datasheet HTML 9Page - Maxim Integrated Products MAX552 Datasheet HTML 10Page - Maxim Integrated Products MAX552 Datasheet HTML 11Page - Maxim Integrated Products MAX552 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
+3V/+5V, 12-Bit, Serial, Multiplying DACs
in 10-Pin µMAX Package
8
_______________________________________________________________________________________
DIN
SCLK
LOAD
BIT 11
MSB
BIT 0
LSB
BIT 10
BIT 1
tDS
tDH
tCH
1
2
LOAD SERIAL DATA INTO INPUT REGISTER
11
tCL
tCLR
tSL
tLD
tLC
CLR
Figure 2. Write-Cycle Timing Diagram
MAX551
MAX552
+5V (+3V)
( ) ARE FOR MAX552
VREF
VDD
R2
50
Ω
C1
15pF
2
3
VOUT
6
R1
100
Ω
DIN
REF
RFB
OUT
GND
AGND
SCLK
LOAD
Table 1. Unipolar Binary-Code Table
for Circuit of Figure 3
DIGITAL INPUT
MSB
LSB
ANALOG OUTPUT
1111
1111
1111
1000
0000
0000
0000
0000
0001
0000
0000
0000
0
−


VREF
4095
4096
−


= −
V
V
REF
REF
2048
4096
2
−


VREF
1
4096
Figure 3. Unipolar Operation
Detailed Description
The MAX551/MAX552 digital-to-analog converter (DAC)
circuits consist of a laser-trimmed, thin-film R-2R resis-
tor array with NMOS current switches (Figure 1).
Binary-weighted currents are switched to either OUT or
AGND, depending on the status of each input data bit.
Although the currents at OUT and AGND depend on
the digital input code, the sum of the two output cur-
rents is always equal to the input current at REF.
The output current (IOUT) can be converted into a volt-
age by adding an external output amplifier (Figure 3).
The REF input accepts a wide range of signals, includ-
ing fixed and time-varying voltage or current inputs. If a
current source is used at the reference input, use a
low-tempco, external feedback resistor in place of the
internal feedback resistor (RFB) to minimize gain varia-
tion with temperature.
The internal feedback resistor (RFB) is compensated
with an NMOS switch that matches the NMOS switches
used in the R-2R array, resulting in excellent supply
rejection and gain-temperature coefficient.
The OUT pin output capacitance (COUT) is code
dependent. COUT is typically 14pF at 000hex and 20pF
at FFFhex.
Serial Interface
The MAX551/MAX552 serial interface is compatible
with the SPI/QSPI and Microwire serial-interface stan-
dards. These devices accept serial clocks up to
12.5MHz (50% duty cycle). If the SCLK input is not



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com