Electronic Components Datasheet Search
  English  ▼

X  

MAX552 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX552
Description  3V/5V, 12-Bit, Serial, Multiplying DACs in 10-Pin 關MAX Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX552 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX552 Datasheet HTML 1Page - Maxim Integrated Products MAX552 Datasheet HTML 2Page - Maxim Integrated Products MAX552 Datasheet HTML 3Page - Maxim Integrated Products MAX552 Datasheet HTML 4Page - Maxim Integrated Products MAX552 Datasheet HTML 5Page - Maxim Integrated Products MAX552 Datasheet HTML 6Page - Maxim Integrated Products MAX552 Datasheet HTML 7Page - Maxim Integrated Products MAX552 Datasheet HTML 8Page - Maxim Integrated Products MAX552 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
+3V/+5V, 12-Bit, Serial, Multiplying DACs
in 10-Pin µMAX Package
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—MAX551 (continued)
(VDD = +4.5V to +5.25V, VREF = 5V, OUT = AGND = GND, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
CLR
DAC register loaded
with all 0s
CONDITIONS
ppm/°C
6.5
±25
µA
±1
IIN
V
0.8
VIL
nA
±0.15
±5
OUT Leakage Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VOUT = 0.31Vp-p, RL = 50Ω, code = full-scale
k
Ω
7
11
15
RREF
Input Resistance
Measured between REF and OUT
kHz
725
Input Resistance Tempco
BW
Reference -3dB Bandwidth
TA = +25°C
TA = TMIN to TMAX
Code = full scale (Note 2)
Code = zero scale (Note 2)
20
30
pF
14
20
COUT
OUT Capacitance
VIH
Input High Voltage
V
2.4
LOAD, CLR, DIN, and SCLK, VDD = 5V
mV
156
HYST
18
100
SCLK, LOAD, DIN
Inputs at 0V or VDD (Note 2)
pF
8
Input Leakage Current
±1
Input Low Voltage
Input Hysteresis
VCLR = VDD
VCLR = 0V
Inputs at 0V or VDD
CIN
Input Capacitance
ns
25
tCH
SCLK Pulse Width High
ns
25
tCL
SCLK Pulse Width Low
ns
15
tDS
DIN Data to SCLK Setup
ns
15
tDH
DIN Data to SCLK Hold
ns
20
tLD
LOAD Pulse Width
ns
0
tSL
LSB SCLK to LOAD
ns
15
tLC
LOAD High to SCLK
ns
20
tCLR
CLR Pulse Width
V
4.50
5.25
VDD
Supply Voltage
All digital inputs at VIL or VIH, CLR = VDD
mA
0.5
1.5
IDD
Supply Current
All digital inputs at 0V or VDD, CLR = VDD
µA
0.4
5
REFERENCE INPUT
ANALOG OUTPUT
DIGITAL INPUTS
SWITCHING CHARACTERISTICS
POWER SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com