Electronic Components Datasheet Search
  English  ▼

X  

MAX552 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX552
Description  3V/5V, 12-Bit, Serial, Multiplying DACs in 10-Pin 關MAX Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX552 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX552 Datasheet HTML 4Page - Maxim Integrated Products MAX552 Datasheet HTML 5Page - Maxim Integrated Products MAX552 Datasheet HTML 6Page - Maxim Integrated Products MAX552 Datasheet HTML 7Page - Maxim Integrated Products MAX552 Datasheet HTML 8Page - Maxim Integrated Products MAX552 Datasheet HTML 9Page - Maxim Integrated Products MAX552 Datasheet HTML 10Page - Maxim Integrated Products MAX552 Datasheet HTML 11Page - Maxim Integrated Products MAX552 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ture range, then low-tempco (<300ppm/°C) resistors
should be used.
__________Applications Information
Output Amplifier
For best linearity, terminate OUT and GND at exactly
0V. In most applications, OUT is connected to an
inverting op amp’s summing junction. The amplifier’s
input offset voltage can degrade the DAC’s linearity by
causing OUT to be terminated to a nonzero voltage.
The resulting error is:
Error Voltage = VOS (1 + RFB / RO)
where VOS = is the op amp’s offset and RO is the
DAC’s output resistance, which is code dependent.
The maximum error voltage (Ro = RFB) is 2VOS; the
minimum error voltage (RO= ∞) is VOS. To minimize this
error, use a low-offset amplifier such as the MAX4166
(unipolar output) or the MAX427 (bipolar output).
Otherwise, the amplifier offset must be trimmed to zero.
A good guide rule is that VOS should be no more than
1/10LSB.
The output amplifier’s input bias current (IB) can also
limit performance, since IB x RFB generates an offset
error. Choose an op amp with an IB much less than
(e.g., one-tenth) the DAC’s 1LSB output current (typi-
cally 111nA when VREF = 5V, and 55.5nA when VREF =
2.5V). Offset and linearity can also be impaired if the
output amplifier’s noninverting input is grounded
through a bias-current compensation resistor. This
resistor adds to the offset at this pin and thus should
not be used. For best performance, connect the nonin-
verting input directly to ground.
In static or DC applications, the output amplifier’s char-
acteristics are not critical. In higher speed applications
in which either the reference input is an AC signal or
the DAC output must quickly settle to a new pro-
grammed value, the output op amp’s AC parameters
must be considered.
A compensation capacitor, C1, may be required when
the DAC is used with a high-speed output amplifier.
The purpose of the capacitor is to cancel the pole
formed by the DAC output capacitance, COUT, and the
internal feedback resistor, RFB. Its value depends on
the type of op amp used but typically ranges from 14pF
to 30pF. Too small a value causes output ringing, while
excess capacitance overdamps the output. C1’s size
can be minimized and the output voltage settling time
improved by keeping the circuit-board trace short and
stray capacitance at OUT as low as possible.
Single-Supply Operation
Reference Voltage
The MAX551/MAX552 are true 4-quadrant DACs, mak-
ing them ideal for multiplying applications. The refer-
ence input accepts both AC and DC signals within a
voltage range of ±6V. The R-2R ladder is implemented
with thin-film resistors, enabling the use of unipolar or
bipolar reference voltages with only a single power
supply for the DAC. The voltage at the VREF input sets
the DAC’s full-scale output voltage.
If the reference is too noisy, it should be bypassed to
GND (AGND on the 10-pin µMAX package) with a
0.1µF ceramic capacitor located as close to the REF
pin as possible.
Voltage Mode (MAX551)
The MAX551 can be conveniently used in voltage
mode, single-supply operation with OUT biased at any
voltage between GND and VDD. OUT must not be
allowed to go 0.3V lower than GND or 0.3V higher than
VDD. Otherwise, internal diodes will turn on, causing a
high current flow that could damage the device.
+3V/+5V, 12-Bit, Serial, Multiplying DACs
in 10-Pin µMAX Package
10
______________________________________________________________________________________
+5V
REF
GND
DIN
OUT
VDD
SCLK
LOAD
REFERENCE
VOLTAGE
VOUT
MAX551
Figure 5. Single-Supply, Voltage Mode Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com