Electronic Components Datasheet Search
  English  ▼

X  

MAX552 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX552
Description  3V/5V, 12-Bit, Serial, Multiplying DACs in 10-Pin 關MAX Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX552 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX552 Datasheet HTML 3Page - Maxim Integrated Products MAX552 Datasheet HTML 4Page - Maxim Integrated Products MAX552 Datasheet HTML 5Page - Maxim Integrated Products MAX552 Datasheet HTML 6Page - Maxim Integrated Products MAX552 Datasheet HTML 7Page - Maxim Integrated Products MAX552 Datasheet HTML 8Page - Maxim Integrated Products MAX552 Datasheet HTML 9Page - Maxim Integrated Products MAX552 Datasheet HTML 10Page - Maxim Integrated Products MAX552 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
+3V/+5V, 12-Bit, Serial, Multiplying DACs
in 10-Pin µMAX Package
_______________________________________________________________________________________
7
______________________________________________________________Pin Description
PIN
NAME
1
1
OUT
—
2
AGND
2
3
GND
6
7
SCLK
5
6
DIN
4
5
LOAD
3
4
VDD
8
10
RFB
7
9
REF
—
8
CLR
Feedback Resistor
Reference Input
Clear DAC Input. Clears the DAC register. Tie to VDD or float if not used.
Serial-Clock Input. The serial input data is clocked in on SCLK’s rising edge.
Serial-Data Input
Active-Low Load DAC Input. Driving this asynchronous input low transfers the contents
of the input register to the DAC register.
Supply Voltage
Digital Ground. Also Analog Ground for DIP package.
Analog Ground
DAC Current Output
FUNCTION
µMAX
DIP
D1
D9
2R
R
R
R
R
2R
2R
2R
2R
2R
AGND
OUT
VREF
RFB*
RFB* = R
RFB
D10
D11
(MSB)
DO
(LSB)
Figure 1. MAX551/MAX552 Simplified Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com