Electronic Components Datasheet Search
  English  ▼

X  

MAX552 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX552
Description  3V/5V, 12-Bit, Serial, Multiplying DACs in 10-Pin 關MAX Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX552 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX552 Datasheet HTML 1Page - Maxim Integrated Products MAX552 Datasheet HTML 2Page - Maxim Integrated Products MAX552 Datasheet HTML 3Page - Maxim Integrated Products MAX552 Datasheet HTML 4Page - Maxim Integrated Products MAX552 Datasheet HTML 5Page - Maxim Integrated Products MAX552 Datasheet HTML 6Page - Maxim Integrated Products MAX552 Datasheet HTML 7Page - Maxim Integrated Products MAX552 Datasheet HTML 8Page - Maxim Integrated Products MAX552 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.
_______________General Description
The MAX551/MAX552 are 12-bit, current-output, 4-quad-
rant multiplying digital-to-analog converters (DACs).
These devices are capable of providing unipolar or
bipolar outputs when operating from either a single +5V
(MAX551) or +3V (MAX552) power supply. An internal
power-on-reset circuit clears all DAC registers on
power-up, setting the DAC output voltage to 0V.
The SPI™/QSPI™ and Microwire™-compatible 3-wire
serial interface saves board space and reduces power
dissipation compared with parallel-interface devices.
The MAX551/MAX552 feature double-buffered interface
logic with a 12-bit input register and a 12-bit DAC regis-
ter. Data in the DAC register sets the DAC output volt-
age. Data is loaded into the input register via the serial
interface. The LOAD input transfers data from the input
register to the DAC register, updating the DAC output
voltage.
The MAX551/MAX552 are available in an 8-pin DIP
package or a space-saving 10-pin µMAX package. The
µMAX package provides an asynchronous clear (CLR)
input that clears all DAC registers when pulled to GND,
setting the output voltage to 0V.
________________________Applications
Automatic Calibration
Gain Adjustment
Transducer Drivers
Process-Control I/O Boards
Digitally Controlled Filters
Motion-Controlled Systems
µP-Controlled Systems
Programmable Amplifiers/Attenuators
____________________________Features
o Single-Supply Operation:
+4.5V to +5.25V (MAX551)
+2.7V to +3.6V (MAX552)
o 12.5MHz 3-Wire Serial Interface
o SPI/QSPI and Microwire Compatible
o Power-On Reset Clears DAC Output to Zero
o Asynchronous Clear Input Clears DAC Output
to Zero
o Voltage Mode or Bipolar Mode Operation with
a Single Power Supply
o Schmitt-Trigger Digital Inputs for Direct
Optocoupler Interface
o 0.4µA Supply Current
o 10-Pin µMAX Package
+3V/+5V, 12-Bit, Serial, Multiplying DACs
in 10-Pin µMAX Package
________________________________________________________________
Maxim Integrated Products
1
1
2
3
4
5
10
9
8
7
6
RFB
REF
CLR
SCLK
VDD
GND
AGND
OUT
MAX551
MAX552
µMAX
TOP VIEW
DIN
LOAD
SCLK
DIN
LOAD
1
2
8
7
RFB
REF
GND
VDD
OUT
DIP
3
4
6
5
MAX551
MAX552
19-1260; Rev 0; 10/97
PART
MAX551ACPA
MAX551BCPA
MAX551ACUB
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-
PACKAGE
8 Plastic DIP
8 Plastic DIP
10 µMAX
______________Ordering Information
Ordering Information continued at end of data sheet.
SPI and QSPI are trademarks of Motorola Inc. Microwire is a trademark of National Semiconductor Corp.
MAX551BCUB
MAX551AEPA
MAX551BEPA
-40°C to +85°C
-40°C to +85°C
0°C to +70°C
10 µMAX
8 Plastic DIP
8 Plastic DIP
MAX551AEUB
-40°C to +85°C
10 µMAX
MAX551BEUB
-40°C to +85°C
10 µMAX
LINEARITY
(LSB)
±1/2
±1
±1/2
±1
±1/2
±1
±1/2
±1
_________________Pin Configurations
12-BIT
D/A CONVERTER
RFB
OUT
AGND*
CLR*
LOAD
VDD
REF
SCLK
GND
*
µMAX PACKAGE ONLY
12-BIT
DAC REGISTER
DIN
RFB
12-BIT
SHIFT REGISTER
POWER-ON
RESET
MAX551
MAX552
________________Functional Diagram


Similar Part No. - MAX552

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5520 MAXIM-MAX5520 Datasheet
446Kb / 10P
MAX5535 Evaluation Kit
Rev 1; 4/08
MAX5521 MAXIM-MAX5521 Datasheet
446Kb / 10P
MAX5535 Evaluation Kit
Rev 1; 4/08
MAX5522 MAXIM-MAX5522 Datasheet
1Mb / 23P
Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
19-3064; Rev 1; 12/04
MAX5522EUA MAXIM-MAX5522EUA Datasheet
1Mb / 23P
Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
Rev 1; 12/04
MAX5522EUA MAXIM-MAX5522EUA Datasheet
1Mb / 23P
Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
19-3064; Rev 1; 12/04
More results

Similar Description - MAX552

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC7543 LINER-LTC7543 Datasheet
217Kb / 8P
Improved Industry Standard Serial 12-Bit Multiplying DACs
logo
Maxim Integrated Produc...
MAX5120 MAXIM-MAX5120 Datasheet
288Kb / 20P
3V/5V, 12-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
MAX5354 MAXIM-MAX5354 Datasheet
196Kb / 16P
10-Bit Voltage-Output DACs in 8-Pin 關MAX
Rev 1; 2/97
logo
Analog Devices
AD5426 AD-AD5426 Datasheet
553Kb / 24P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV.0
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
logo
Linear Technology
LTC7543 LINER-LTC7543_15 Datasheet
202Kb / 8P
Improved Industry Standard Serial 12-Bit Multiplying DACs
LTC8143 LINER-LTC8143_15 Datasheet
202Kb / 8P
Improved Industry Standard Serial 12-Bit Multiplying DACs
LTC1595 LINER-LTC1595_15 Datasheet
254Kb / 16P
Serial 16-Bit Multiplying DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com