Electronic Components Datasheet Search
  English  ▼

X  

IRMCF171 Datasheet(PDF) 33 Page - International Rectifier

Part # IRMCF171
Description  High Performance Sensorless Motor Control IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF171 Datasheet(HTML) 33 Page - International Rectifier

Back Button IRMCF171 Datasheet HTML 28Page - International Rectifier IRMCF171 Datasheet HTML 29Page - International Rectifier IRMCF171 Datasheet HTML 30Page - International Rectifier IRMCF171 Datasheet HTML 31Page - International Rectifier IRMCF171 Datasheet HTML 32Page - International Rectifier IRMCF171 Datasheet HTML 33Page - International Rectifier IRMCF171 Datasheet HTML 34Page - International Rectifier IRMCF171 Datasheet HTML 35Page - International Rectifier IRMCF171 Datasheet HTML 36Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
IRMCF171
33
www.irf.com
© 2013 International Rectifier
April 20, 2013
Pin
Number
Pin Name
Internal
Pull-up
/Pull-down
Pin
Type
Description
34
PWMUL
58 kΩ Pull
down
O
PWM gate drive for phase U low side, configurable
either high or low true
35
PWMWH
58 kΩ Pull
down
O
PWM gate drive for phase W high side, configurable
either high or low true
36
PWMVH
58 kΩ Pull
down
O
PWM gate drive for phase V high side, configurable
either high or low true
37
PWMUH
58 kΩ Pull
down
O
PWM gate drive for phase U high side, configurable
either high or low true
38
P1.5
I/O
Discrete programmable I/O.
39
GATEKILL
70 kΩ Pull up
I
PWM shutdown input, configurable digital filter, active
low input.
40
P3.0/INT2/CS1
70 kΩ Pull up
I/O
Discrete programmable I/O or external interrupt 2 input
or SPI Chip Select 1
41
P5.2/TMS
I
JTAG test mode input or input digital port
42
TDO
O
JTAG test data output
43
P5.1/TDI
I
JTAG test data input or input digital port
44
TCK
I
JTAG test clock
45
RESET
I
Reset, low true, Schmitt trigger input
46
P1.1/RXD
I/O
UART receiver input or Discrete programmable I/O
47
P1.2/RXD
I/O
UART transmitter output or Discrete programmable I/O
48
P3.3/INT1
I/O
Interrupt 1 input or Discrete I/O
Table 22. Pin List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com