Electronic Components Datasheet Search
  English  ▼

X  

IRMCF171 Datasheet(PDF) 5 Page - International Rectifier

Part # IRMCF171
Description  High Performance Sensorless Motor Control IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF171 Datasheet(HTML) 5 Page - International Rectifier

  IRMCF171 Datasheet HTML 1Page - International Rectifier IRMCF171 Datasheet HTML 2Page - International Rectifier IRMCF171 Datasheet HTML 3Page - International Rectifier IRMCF171 Datasheet HTML 4Page - International Rectifier IRMCF171 Datasheet HTML 5Page - International Rectifier IRMCF171 Datasheet HTML 6Page - International Rectifier IRMCF171 Datasheet HTML 7Page - International Rectifier IRMCF171 Datasheet HTML 8Page - International Rectifier IRMCF171 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
IRMCF171
5
www.irf.com
© 2013 International Rectifier
April 20, 2013
1 Overview
IRMCF171 is a new generation International Rectifier integrated circuit device primarily designed as a one-chip
solution for complete inverterized appliance motor control applications. Unlike a traditional microcontroller or
DSP, the IRMCF171 provides a built-in closed loop sensorless control algorithm using the unique flexible Motion
Control Engine (MCETM) for permanent magnet motors as well as induction motors. The MCE
TM consists of a
collection of control elements, motion peripherals, a dedicated motion control sequencer and dual port RAM to
map internal signal nodes. IRMCF171 also employs a unique single shunt current reconstruction circuit in
addition to two leg shunt current sensing circuit to eliminate additional analog/digital circuitry and enables a direct
shunt resistor interface to the IC. Motion control programming is achieved using a dedicated graphical compiler
integrated into the MATLAB/SimulinkTM development environment. Sequencing, user interface, host
communication, and upper layer control tasks can be implemented in the 8051 high-speed 8-bit microcontroller.
The 8051 microcontroller is equipped with a JTAG port to facilitate emulation and debugging tools. Figure 1
shows a typical application schematic using the IRMCF171.
IRMCF171 contains 64 Kbytes of Flash program memory. The IRMCK171 contains 32 Kbytes OTP memory and
is intended for high volume production purposes while the IRMCF171 is intended for flexible volume production.
Both the Flash and ROM versions come in a 48-pin QFP package with identical pin configuration to facilitate PC
board layout and transition to mass production.
IRMCF171
Power
Supply
IRS2336D
PM motor
IPM or SPM
Or
IM motor
Passive
EMI
Fillter
Digital I/O
Analog Input
Host
Communication
(RS232C)
Appliance PM
motor Drive
3.3V
Gate signal
15V
EEPROM
6
2
8
Galvanic
isolation
Optional
Figure 1. Typical Application Block Diagram Using IRMCF171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com