Electronic Components Datasheet Search
  English  ▼

X  

IRMCF171 Datasheet(PDF) 1 Page - International Rectifier

Part # IRMCF171
Description  High Performance Sensorless Motor Control IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF171 Datasheet(HTML) 1 Page - International Rectifier

  IRMCF171 Datasheet HTML 1Page - International Rectifier IRMCF171 Datasheet HTML 2Page - International Rectifier IRMCF171 Datasheet HTML 3Page - International Rectifier IRMCF171 Datasheet HTML 4Page - International Rectifier IRMCF171 Datasheet HTML 5Page - International Rectifier IRMCF171 Datasheet HTML 6Page - International Rectifier IRMCF171 Datasheet HTML 7Page - International Rectifier IRMCF171 Datasheet HTML 8Page - International Rectifier IRMCF171 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
IRMCF171
1
www.irf.com
© 2013 International Rectifier
April 20, 2013
High Performance Sensorless Motor Control IC
Description
IRMCF171 is a high performance flash memory based motion control IC designed primarily for appliance
applications. IRMCF171 is designed to achieve low cost yet high performance control solutions for advanced
inverterized appliance motor control. IRMCF171 contains two computation engines integrated into one monolithic
chip. One is the Flexible Motion Control Engine (MCE
TM) for sensorless control of permanent magnet or induction
motors; the other is an 8-bit high-speed microcontroller (8051). The user can program a motion control algorithm
by connecting control elements using a graphic compiler. Key components of the complex sensorless control
algorithms, such as the Angle Estimator, are provided as complete pre-defined control blocks. A unique
analog/digital circuit and algorithm fully supports single or leg shunt current reconstruction. The MCE and 8051
microcontroller communicate via dual port RAM for signal monitoring and command input. An advanced graphic
compiler for the MCE
TM is seamlessly integrated into the MATLAB/Simulink environment, while third party JTAG-
based emulator tools are supported for 8051 software development including a flash programmer. IRMCF171
comes in a 48 pin QFP package.
Features
MCE
TM
(Flexible Motion Control Engine) -
Dedicated computation engine for high efficiency
sinusoidal sensorless motor control
Built-in hardware peripheral for single or two shunt
current feedback reconstruction and analog
circuits
Supports induction machine and both interior and
surface permanent magnet motor sensorless
control
Loss minimization Space Vector PWM
Two-channel analog output (PWM)
Embedded 8-bit high speed microcontroller (8051)
for flexible I/O and man-machine control
JTAG programming port for emulation/debugger
Serial communication interface (UART)
I2C/SPI serial interface
Three general purpose timers/counters
Two special timers: periodic timer, capture timer
Watchdog timer with independent internal clock
Internal 64 Kbyte flash memory
5V tolerant I/O
3.3V single supply
Product Summary
Maximum clock input (fcrystal)
60 MHz
Maximum Internal clock (SYSCLK)
120MHz
Maximum 8051 clock (8051CLK)
30MHz
Sensorless control computation time
35 μsec@100MHz
MCE
TM computation data range
16 bit signed
8051 Program Flash
52KB
805/MCE Data RAM
4KB
MCE Program RAM
12KB
GateKill latency (digital filtered)
2 μsec
PWM carrier frequency
20 bits/ SYSCLK
A/D input channels
7
A/D converter resolution
12 bits
A/D converter conversion speed
2 μsec
Analog output (PWM) resolution
8 bits
UART baud rate (typ)
57.6K bps
Number of digital I/O (max)
14
Package (lead free)
QFP48
Typical 3.3V operating current
30mA
Base Part Number
Package Type
Standard Pack
Orderable Part Number
Form
Quantity
IRMCF171
LQFP48
Tape and Reel
2000
IRMCF171TR
IRMCF171
LQFP48
Tray
2500
IRMCF171TY
Release Datasheet Rev. A


Similar Part No. - IRMCF171

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCF171 IRF-IRMCF171 Datasheet
447Kb / 36P
High Performance Sensorless Motor Control IC
logo
Infineon Technologies A...
IRMCF171 INFINEON-IRMCF171 Datasheet
904Kb / 36P
High Performance Sensorless Motor Control IC
March 10, 2017
IRMCF171TR INFINEON-IRMCF171TR Datasheet
904Kb / 36P
High Performance Sensorless Motor Control IC
March 10, 2017
More results

Similar Description - IRMCF171

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCK171 IRF-IRMCK171 Datasheet
462Kb / 34P
High Performance Sensorless Motor Control IC
IRMCF171 IRF-IRMCF171 Datasheet
447Kb / 36P
High Performance Sensorless Motor Control IC
IRMCF183 IRF-IRMCF183_15 Datasheet
812Kb / 31P
High Performance Sensorless Motor Control IC
IRMCF188 IRF-IRMCF188_15 Datasheet
595Kb / 38P
High Performance Sensorless Motor Control IC
IRMCF588Q IRF-IRMCF588Q_15 Datasheet
610Kb / 37P
Dual Motor High Performance Sensorless Control IC
IRMCK099M IRF-IRMCK099M_15 Datasheet
737Kb / 29P
High Performance Sensorless Motor Control IC
IRMCK171 IRF-IRMCK171_15 Datasheet
561Kb / 36P
High Performance Sensorless Motor Control IC
IRMCK172M IRF-IRMCK172M_15 Datasheet
623Kb / 36P
High Performance Sensorless Motor Control IC
IRMCK182M IRF-IRMCK182M_15 Datasheet
517Kb / 33P
High Performance Sensorless Motor Control IC
IRMCF188 IRF-IRMCF188 Datasheet
916Kb / 38P
High Performance Sensorless Motor Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com