Electronic Components Datasheet Search
  English  ▼

X  

IRMCF171 Datasheet(PDF) 16 Page - International Rectifier

Part # IRMCF171
Description  High Performance Sensorless Motor Control IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF171 Datasheet(HTML) 16 Page - International Rectifier

Back Button IRMCF171 Datasheet HTML 12Page - International Rectifier IRMCF171 Datasheet HTML 13Page - International Rectifier IRMCF171 Datasheet HTML 14Page - International Rectifier IRMCF171 Datasheet HTML 15Page - International Rectifier IRMCF171 Datasheet HTML 16Page - International Rectifier IRMCF171 Datasheet HTML 17Page - International Rectifier IRMCF171 Datasheet HTML 18Page - International Rectifier IRMCF171 Datasheet HTML 19Page - International Rectifier IRMCF171 Datasheet HTML 20Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
IRMCF171
16
www.irf.com
© 2013 International Rectifier
April 20, 2013
5.6 Under Voltage Lockout DC characteristics
Unless specified, Ta = 25˚C.
Symbol
Parameter
Min
Typ
Max
Condition
UVCC+
UVcc positive going
Threshold
2.78 V
3.04 V
3.23 V
(1)
UVCC-
UVcc negative going
Threshold
2.78 V
2.97 V
3.23 V
UVCCH
UVcc Hysteresys
-
73 mV
-
(1)
Table 6. UVcc DC Characteristics
Note:
(1) Data guaranteed by design.
5.7 Itrip comparator DC characteristics
Unless specified, VDD1=3.3V, Ta = 25˚C.
Symbol
Parameter
Min
Typ
Max
Condition
Itrip+
Itrip positive going
Threshold
-
1.22V
-
VDD1 = 3.3 V
Itrip-
Itrip negative going
Threshold
-
1.10V
-
VDD1 = 3.3 V
ItripH
Itrip Hysteresys
-
120mV
-
Table 7. Itrip DC Characteristics
5.8 CMEXT and AREF Characteristics
CAREF = 1nF, CMEXT= 100nF. Unless specified, Ta = 25˚C.
Symbol
Parameter
Min
Typ
Max
Condition
VCM
CMEXT voltage
495 mV
600 mV
700 mV
VVDD1 = 3.3 V
VAREF
Buffer Output Voltage
495 mV
600 mV
700 mV
VVDD1 = 3.3 V
Vo
Load regulation (VDC-0.6)
-
1 mV
-
(1)
PSRR
Power Supply Rejection Ratio
-
75 db
-
(1)
Table 8. CMEXT and AREF DC Characteristics
Note:
(1) Data guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com