Electronic Components Datasheet Search
  English  ▼

X  

IRMCF183 Datasheet(PDF) 4 Page - International Rectifier

Part # IRMCF183
Description  High Performance Sensorless Motor Control IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF183 Datasheet(HTML) 4 Page - International Rectifier

  IRMCF183 Datasheet HTML 1Page - International Rectifier IRMCF183 Datasheet HTML 2Page - International Rectifier IRMCF183 Datasheet HTML 3Page - International Rectifier IRMCF183 Datasheet HTML 4Page - International Rectifier IRMCF183 Datasheet HTML 5Page - International Rectifier IRMCF183 Datasheet HTML 6Page - International Rectifier IRMCF183 Datasheet HTML 7Page - International Rectifier IRMCF183 Datasheet HTML 8Page - International Rectifier IRMCF183 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
IRMCF183M
4 www.irf.com
© 2014 International Rectifier
October 2, 2014
List of Figures
Figure 1 Typical Application Block Diagram Using IRMCF183M ................................................ 5
Figure 2 Pinout of IRMCF183M.................................................................................................. 6
Figure 3 Crystal circuit example ................................................................................................16
Figure 4 Voltage droop and S/H hold time.................................................................................17
Figure 5 A capacitor of 47pF is recommended at the output pin of all op amps.........................18
Figure 6 SYNC timing ...............................................................................................................19
Figure 7 Gatekill timing .............................................................................................................20
Figure 8 ITRIP timing ................................................................................................................20
Figure 9 UART timing................................................................................................................21
Figure 10. Interrupt timing .........................................................................................................22
Figure 11 JTAG timing ..............................................................................................................23
Figure 12 PWMUL/PWMUH/PWMVL/PWMVH/PWMWL/PWMWH output ................................24
Figure 13 All digital I/O except motor PWM output ....................................................................24
Figure 14 RESET, GATEKILL I/O .............................................................................................25
Figure 15 Analog input ..............................................................................................................25
Figure 16 Analog operational amplifier output and AREF I/O structure .....................................25
Figure 17 VPP programming pin I/O structure...........................................................................26
Figure 18 VSS and AVSS pin structure .....................................................................................26
Figure 19 VDD1 and VDDCAP pin structure .............................................................................26
Figure 20 XTAL0/XTAL1 pins structure .....................................................................................26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com