Electronic Components Datasheet Search
  English  ▼

X  

IRMCF183 Datasheet(PDF) 10 Page - International Rectifier

Part # IRMCF183
Description  High Performance Sensorless Motor Control IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF183 Datasheet(HTML) 10 Page - International Rectifier

Back Button IRMCF183 Datasheet HTML 6Page - International Rectifier IRMCF183 Datasheet HTML 7Page - International Rectifier IRMCF183 Datasheet HTML 8Page - International Rectifier IRMCF183 Datasheet HTML 9Page - International Rectifier IRMCF183 Datasheet HTML 10Page - International Rectifier IRMCF183 Datasheet HTML 11Page - International Rectifier IRMCF183 Datasheet HTML 12Page - International Rectifier IRMCF183 Datasheet HTML 13Page - International Rectifier IRMCF183 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
IRMCF183M
10 www.irf.com
© 2014 International Rectifier
October 2, 2014
P5.1/TDI
Input port 5.1, configured as JTAG port by default
P5.2/TMS
Input port 5.2, configured as JTAG port by default
Analog Output Interface
P2.6/AOPWM0
Input/output, can be configured as 8-bit PWM output 0 with programmable
carrier frequency
P2.7/AOPWM1
Input/output, can be configured as 8-bit PWM output 1 with programmable
carrier frequency
Crystal Interface
XTAL0
Input, connected to crystal
XTAL1
Output, connected to crystal
Reset Interface
RESET
Input and Output, system reset, doesn’t require external RC time constant
4.2
Motion Peripheral Interface Group
PWM
PWMUH
Output, PWM phase U high side gate signal, internally pulled down by 58kΩ
PWMUL
Output, PWM phase U low side gate signal, internally pulled down by 58kΩ
PWMVH
Output, PWM phase V
high side gate signal, internally pulled down by 58kΩ
PWMVL
Output, PWM phase V low side gate signal, internally pulled down by 58kΩ
PWMWH
Output, PWM phase W high side gate signal, internally pulled down by 58kΩ
PWMWL
Output, PWM phase W low side gate sig
nal, internally pulled down by 58kΩ
Fault
GATEKILL
Input, upon assertion, this negates all six PWM signals, active low, internally
pulled up by 70kΩ
4.3
Analog Interface Group
AVSS
Analog power return, (analog internal 1.8V power is shared with VDDCAP)
IFBU+
Input, Operational amplifier positive input for single or U-phase leg shunt
resistor current sensing
IFBU-
Input, Operational amplifier negative input for single or U-phase leg shunt
shunt resistor current sensing
IFBUO
Output, Operational amplifier output for single or U-phase leg shunt shunt
resistor current sensing
IFBV+
Input, Operational amplifier positive input for V-phase leg shunt resistor
current sensing
IFBV-
Input, Operational amplifier negative input for V-phase leg shunt shunt resistor
current sensing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com