Electronic Components Datasheet Search
  English  ▼

X  

IRMCF183 Datasheet(PDF) 7 Page - International Rectifier

Part # IRMCF183
Description  High Performance Sensorless Motor Control IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF183 Datasheet(HTML) 7 Page - International Rectifier

Back Button IRMCF183 Datasheet HTML 3Page - International Rectifier IRMCF183 Datasheet HTML 4Page - International Rectifier IRMCF183 Datasheet HTML 5Page - International Rectifier IRMCF183 Datasheet HTML 6Page - International Rectifier IRMCF183 Datasheet HTML 7Page - International Rectifier IRMCF183 Datasheet HTML 8Page - International Rectifier IRMCF183 Datasheet HTML 9Page - International Rectifier IRMCF183 Datasheet HTML 10Page - International Rectifier IRMCF183 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
IRMCF183M
7 www.irf.com
© 2014 International Rectifier
October 2, 2014
3 IRMCF183M Block Diagram and Main Functions
IRMCF183M block diagram is shown in Figure 3.
Motion Control
Sequencer
Dual Port
RAM
1kbyte
MCE
Program
RAM
12kbyte
Program
FLASH
64KB
A/D
MUX
S/H
D/A
(PWM)
Timer
Counnter0,1,2
Watchdog
Timer
Motion
Control
Modules
UART
I2C
SND
RCV
6
Low Loss
SVPWM
GATEKILL
To IGBT
gate drive
Mini-Motion
Control
Engine
(MiniMCE)
Monitoring
Host
Interface
Digital
I/Os
8bit (8051)
microcontroller
JTAG
Emulator
Debugger
4
Freq
Synthesizer
2
Ceramic
Resonator
(4MHz)
33MHz
2
analog
input
2
Capture
Interrupt
Control
Single Shunt
Motor Current
Reconstruction
From
shunt
resistor
Speed
command
PORT 1
SCL
SDA
PORT 2
PORT 3
8bit
CPU
Core
Local
RAM
3kbyte
128MHz
AIN0 - 1
Figure 3 IRMCF183M Block Diagram
IRMCF183M contains the following functions for sensorless AC motor control applications:
Motion Control Engine (MCE
TM)
o
Sensorless FOC (complete sensorless field oriented control)
o
Proportional plus Integral block
o
Low pass filter
o
Differentiator and lag (high pass filter)
o
Ramp
o
Limit
o
Angle estimate (sensorless control)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com