Electronic Components Datasheet Search
  English  ▼

X  

IRMCF183 Datasheet(PDF) 1 Page - International Rectifier

Part # IRMCF183
Description  High Performance Sensorless Motor Control IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF183 Datasheet(HTML) 1 Page - International Rectifier

  IRMCF183 Datasheet HTML 1Page - International Rectifier IRMCF183 Datasheet HTML 2Page - International Rectifier IRMCF183 Datasheet HTML 3Page - International Rectifier IRMCF183 Datasheet HTML 4Page - International Rectifier IRMCF183 Datasheet HTML 5Page - International Rectifier IRMCF183 Datasheet HTML 6Page - International Rectifier IRMCF183 Datasheet HTML 7Page - International Rectifier IRMCF183 Datasheet HTML 8Page - International Rectifier IRMCF183 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
IRMCF183M
1 www.irf.com
© 2014 International Rectifier
October 2, 2014
High Performance Sensorless Motor Control IC
Description
IRMCF183M is a high performance Flash based motion control IC designed and optimized for low cost appliance
control which contains two computation engines integrated into one monolithic chip. One is the Flexible Motion
Control Engine (MCE
TM) for sensorless control of permanent magnet motors or induction motors; the other is an
8-bit high-speed microcontroller (8051). The user can program a motion control algorithm by connecting these
control elements using a graphic compiler. Key components of the complex sensorless control algorithms, such
as the Angle Estimator, are provided as complete pre-defined control blocks. A unique analog/digital circuit and
algorithm fully supports single shunt or leg shunt current reconstruction. IRMCF183M comes in a 32 pin 5x5 QFN
package.
Features
MCETM (Flexible Motion Control Engine) -
Dedicated
computation
engine
for
high
efficiency sinusoidal sensorless motor control
Built-in hardware peripheral for single or two
shunt current feedback reconstruction and
analog circuits
Embedded 8-bit high speed microcontroller
(8051) for flexible I/O and man-machine control
JTAG programming port for
emulation/debugger
Serial communication interface (UART)
Watchdog timer with independent internal clock
Internal 64Kbyte Flash
3.3V single supply
Product Summary
Maximum clock input (fcrystal)
60 MHz
Maximum Internal clock (SYSCLK)
120MHz
Maximum 8051 clock (8051CLK)
30MHz
MCE
TM computation data range
16 bit signed
8051 Program Flash
52KB
8051/MCE Data RAM
4KB
MCE Program RAM
12KB
GateKill latency (digital filtered)
2 μsec
PWM carrier frequency
20 bits/ SYSCLK
A/D input channels
4
A/D converter resolution
12 bits
A/D converter conversion speed
2 μsec
Analog output (PWM) resolution
8 bits
UART baud rate (typ)
57.6K bps
Number of digital I/O (max)
7
Package (lead free)
QFN 5x5 32L
Typical 3.3V operating current
30mA
Base Part Number
Package Type
Standard Pack
Orderable Part Number
Form
Quantity
IRMCF183M
QFN32
Tape and Reel
3000
IRMCF183MTR
Tray
3120
IRMCF183M


Similar Part No. - IRMCF183

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCF188 IRF-IRMCF188 Datasheet
595Kb / 38P
High Performance Sensorless Motor Control IC
IRMCF188 IRF-IRMCF188 Datasheet
916Kb / 38P
High Performance Sensorless Motor Control IC
IRMCF188TR IRF-IRMCF188TR Datasheet
916Kb / 38P
High Performance Sensorless Motor Control IC
IRMCF188TY IRF-IRMCF188TY Datasheet
916Kb / 38P
High Performance Sensorless Motor Control IC
IRMCF188 IRF-IRMCF188_15 Datasheet
595Kb / 38P
High Performance Sensorless Motor Control IC
More results

Similar Description - IRMCF183

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCK171 IRF-IRMCK171 Datasheet
462Kb / 34P
High Performance Sensorless Motor Control IC
IRMCF171 IRF-IRMCF171 Datasheet
447Kb / 36P
High Performance Sensorless Motor Control IC
IRMCF171 IRF-IRMCF171_15 Datasheet
447Kb / 36P
High Performance Sensorless Motor Control IC
IRMCF188 IRF-IRMCF188_15 Datasheet
595Kb / 38P
High Performance Sensorless Motor Control IC
IRMCF588Q IRF-IRMCF588Q_15 Datasheet
610Kb / 37P
Dual Motor High Performance Sensorless Control IC
IRMCK099M IRF-IRMCK099M_15 Datasheet
737Kb / 29P
High Performance Sensorless Motor Control IC
IRMCK171 IRF-IRMCK171_15 Datasheet
561Kb / 36P
High Performance Sensorless Motor Control IC
IRMCK172M IRF-IRMCK172M_15 Datasheet
623Kb / 36P
High Performance Sensorless Motor Control IC
IRMCK182M IRF-IRMCK182M_15 Datasheet
517Kb / 33P
High Performance Sensorless Motor Control IC
IRMCF188 IRF-IRMCF188 Datasheet
916Kb / 38P
High Performance Sensorless Motor Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com