Electronic Components Datasheet Search
  English  ▼

X  

IRMCF183 Datasheet(PDF) 8 Page - International Rectifier

Part # IRMCF183
Description  High Performance Sensorless Motor Control IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF183 Datasheet(HTML) 8 Page - International Rectifier

Back Button IRMCF183 Datasheet HTML 4Page - International Rectifier IRMCF183 Datasheet HTML 5Page - International Rectifier IRMCF183 Datasheet HTML 6Page - International Rectifier IRMCF183 Datasheet HTML 7Page - International Rectifier IRMCF183 Datasheet HTML 8Page - International Rectifier IRMCF183 Datasheet HTML 9Page - International Rectifier IRMCF183 Datasheet HTML 10Page - International Rectifier IRMCF183 Datasheet HTML 11Page - International Rectifier IRMCF183 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
IRMCF183M
8 www.irf.com
© 2014 International Rectifier
October 2, 2014
o
Inverse Clark transformation
o
Vector rotator
o
Bit latch
o
Peak detect
o
Transition
o
Multiply-divide (signed and unsigned)
o
Divide (signed and unsigned)
o
Adder
o
Subtractor
o
Comparator
o
Counter
o
Accumulator
o
Switch
o
Shift
o
ATAN (arc tangent)
o
Function block (any curve fitting, nonlinear function)
o
16 bit wide Logic operations (AND, OR, XOR, NOT, NEGATE)
o
MCE
TM program memory and dual port RAM (max 12K+2k byte)
o
MCE
TM control sequencer
8051 microcontroller
o
Two 16 bit timer/counters
o
One 16 bit periodic timer
o
One 16 bit watchdog timer
o
One 16 bit capture timer
o
Up to 7 discrete I/Os
o
4 channel 12 bit A/D
Buffered (current sensing) two channels (0
– 1.2V input)
Unbuffered two channels (0
– 1.2V input)
o
JTAG port (4 pins)
o
Up to three channels of analog output (8 bit PWM)
o
UART
o
32K byte OTP program ROM
o
2K byte data RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com