Electronic Components Datasheet Search
  English  ▼

X  

S93C76A Datasheet(PDF) 2 Page - Seiko Instruments Inc

Part # S93C76A
Description  FOR AUTOMOTIVE 105C OPERATION
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S93C76A Datasheet(HTML) 2 Page - Seiko Instruments Inc

  S93C76A Datasheet HTML 1Page - Seiko Instruments Inc S93C76A Datasheet HTML 2Page - Seiko Instruments Inc S93C76A Datasheet HTML 3Page - Seiko Instruments Inc S93C76A Datasheet HTML 4Page - Seiko Instruments Inc S93C76A Datasheet HTML 5Page - Seiko Instruments Inc S93C76A Datasheet HTML 6Page - Seiko Instruments Inc S93C76A Datasheet HTML 7Page - Seiko Instruments Inc S93C76A Datasheet HTML 8Page - Seiko Instruments Inc S93C76A Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
FOR AUTOMOTIVE 105
°C OPERATION 3-WIRE SERIAL E
2PROM
S-93C76A H Series
Rev.3.1_00
Seiko Instruments Inc.
2
Pin Configurations
8-Pin SOP(JEDEC)
Top view
Table 1
1
2
3
4
8
7
6
5
VCC
NC
TEST
GND
CS
SK
DO
DI
Figure 1
S-93C76ADFJ-TBH-U
Pin No.
Symbol
Description
1
CS
Chip select input
2
SK
Serial clock input
3
DI
Serial data input
4
DO
Serial data output
5
GND
Ground
6
TEST
*1
Test
7
NC
No connection
8
VCC
Power supply
*1. Connect to GND or VCC.
Even if this pin is not connected, performance is not affected so long
as the absolute maximum rating is not exceeded.
8-Pin TSSOP
Top view
Table 2
1
2
3
4
8
7
6
5
VCC
NC
TEST
GND
CS
SK
DO
DI
Figure 2
S-93C76AFT-TBH-U
Pin No.
Symbol
Description
1
CS
Chip select input
2
SK
Serial clock input
3
DI
Serial data input
4
DO
Serial data output
5
GND
Ground
6
TEST
*1
Test
7
NC
No connection
8
VCC
Power supply
*1. Connect to GND or VCC.
Even if this pin is not connected, performance is not affected so long
as the absolute maximum rating is not exceeded.
TMSOP-8
Top view
Table 3
3
2
4
1
8
6
7
5
VCC
NC
TEST
GND
CS
SK
DO
DI
Figure 3
S-93C76AFM-TFH-U
Pin No.
Symbol
Description
1
CS
Chip select input
2
SK
Serial clock input
3
DI
Serial data input
4
DO
Serial data output
5
GND
Ground
6
TEST
*1
Test
7
NC
No connection
8
VCC
Power supply
*1.
Connect to GND or VCC.
Even if this pin is not connected, performance is not affected so long
as the absolute maximum rating is not exceeded.
Remark
See Dimensions for details of the package drawings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com