Electronic Components Datasheet Search
  English  ▼

X  

S93C76A Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S93C76A
Description  FOR AUTOMOTIVE 105C OPERATION
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S93C76A Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S93C76A Datasheet HTML 4Page - Seiko Instruments Inc S93C76A Datasheet HTML 5Page - Seiko Instruments Inc S93C76A Datasheet HTML 6Page - Seiko Instruments Inc S93C76A Datasheet HTML 7Page - Seiko Instruments Inc S93C76A Datasheet HTML 8Page - Seiko Instruments Inc S93C76A Datasheet HTML 9Page - Seiko Instruments Inc S93C76A Datasheet HTML 10Page - Seiko Instruments Inc S93C76A Datasheet HTML 11Page - Seiko Instruments Inc S93C76A Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
FOR AUTOMOTIVE 105
°C OPERATION 3-WIRE SERIAL E
2PROM
S-93C76A H Series
Rev.3.1_00
Seiko Instruments Inc.
8
AC Electrical Characteristics
Table 13 Measurement Conditions
Input pulse voltage
0.1
× VCC to 0.9 × VCC
Output reference voltage
0.5
× VCC
Output load
100 pF
Table 14 (1/2)
Item
Symbol
−40 to +85°C
Unit
VCC = 4.5 to 5.5 V
VCC = 2.5 to 4.5 V
VCC = 1.8 to 2.5 V
Min.
Max.
Min.
Max.
Min.
Max.
CS setup time
tCSS
0.2
⎯
0.4
⎯
1.0
⎯
μs
CS hold time
tCSH
0
⎯
0
⎯
0
⎯
μs
CS deselect time
tCDS
0.2
⎯
0.2
⎯
0.4
⎯
μs
Data setup time
tDS
0.1
⎯
0.2
⎯
0.4
⎯
μs
Data hold time
tDH
0.1
⎯
0.2
⎯
0.4
⎯
μs
Output delay time
tPD
⎯
0.4
⎯
0.8
⎯
2.0
μs
Clock frequency
*1
fSK
0
2.0
0
0.5
0
0.25
MHz
SK clock time “L”
*1
tSKL
0.1
⎯
0.5
⎯
1.0
⎯
μs
SK clock time “H”
*1
tSKH
0.1
⎯
0.5
⎯
1.0
⎯
μs
Output disable time
tHZ1, tHZ2
0
0.15
0
0.5
0
1.0
μs
Output enable time
tSV
0
0.15
0
0.5
0
1.0
μs
Table 14 (2/2)
Item
Symbol
+85 to +105°C
Unit
VCC = 4.5 to 5.5 V
VCC = 2.7 to 4.5 V
Min.
Max.
Min.
Max.
CS setup time
tCSS
0.2
⎯
0.4
⎯
μs
CS hold time
tCSH
0
⎯
0
⎯
μs
CS deselect time
tCDS
0.2
⎯
0.2
⎯
μs
Data setup time
tDS
0.1
⎯
0.2
⎯
μs
Data hold time
tDH
0.1
⎯
0.2
⎯
μs
Output delay time
tPD
⎯
0.6
⎯
0.8
μs
Clock frequency
*1
fSK
0
1.0
0
0.5
MHz
SK clock time “L”
*1
tSKL
0.25
⎯
0.5
⎯
μs
SK clock time “H”
*1
tSKH
0.25
⎯
0.5
⎯
μs
Output disable time
tHZ1, tHZ2
0
0.15
0
0.5
μs
Output enable time
tSV
0
0.15
0
0.5
μs
*1.
The clock cycle of the SK clock (frequency: fSK) is 1/fSK
μs. This clock cycle is determined by a combination
of several AC characteristics, so be aware that even if the SK clock cycle time is minimized, the clock cycle
(1/fSK) cannot be made equal to tSKL(Min.)
+ tSKH(Min.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com