Electronic Components Datasheet Search
  English  ▼

X  

S93C76A Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S93C76A
Description  FOR AUTOMOTIVE 105C OPERATION
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S93C76A Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S93C76A Datasheet HTML 3Page - Seiko Instruments Inc S93C76A Datasheet HTML 4Page - Seiko Instruments Inc S93C76A Datasheet HTML 5Page - Seiko Instruments Inc S93C76A Datasheet HTML 6Page - Seiko Instruments Inc S93C76A Datasheet HTML 7Page - Seiko Instruments Inc S93C76A Datasheet HTML 8Page - Seiko Instruments Inc S93C76A Datasheet HTML 9Page - Seiko Instruments Inc S93C76A Datasheet HTML 10Page - Seiko Instruments Inc S93C76A Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
FOR AUTOMOTIVE 105
°C OPERATION 3-WIRE SERIAL E
2PROM
Rev.3.1_00
S-93C76A H Series
Seiko Instruments Inc.
7
Table 12 (1/2)
Item
Symbol
Conditions
−40 to +85°C
Unit
VCC = 4.5 to 5.5 V VCC = 2.5 to 4.5 V VCC = 1.8 to 2.5 V
Min.
Max.
Min.
Max.
Min.
Max.
Standby current
consumption
ISB
CS = GND, DO = Open,
Other inputs to
VCC or GND
⎯
2.0
⎯
2.0
⎯
2.0
μA
Input leakage current
ILI
VIN = GND to VCC
⎯
1.0
⎯
1.0
⎯
1.0
μA
Output leakage current
ILO
VOUT = GND to VCC
⎯
1.0
⎯
1.0
⎯
1.0
μA
Low level output voltage VOL
IOL = 2.1 mA
⎯
0.4
⎯
⎯
⎯
⎯
V
IOL = 100
μA
⎯
0.1
⎯
0.1
⎯
0.1
V
High level output voltage VOH
IOH =
−400 μA
2.4
⎯
⎯
⎯
⎯
⎯
V
IOH =
−100 μA
VCC
− 0.3
⎯
VCC
− 0.3
⎯
⎯
⎯
V
IOH =
−10 μA
VCC
− 0.2
⎯
VCC
− 0.2
⎯
VCC
− 0.2
⎯
V
Data hold voltage
of write enable latch
VDH
Only program disable
mode
1.5
⎯
1.5
⎯
1.5
⎯
V
Table 12 (2/2)
Item
Symbol
Conditions
+85 to +105°C
Unit
VCC = 4.5 to 5.5 V
VCC = 2.7 to 4.5 V
Min.
Max.
Min.
Max.
Standby current
consumption
ISB
CS = GND, DO = Open,
Other inputs to
VCC or GND
⎯
2.0
⎯
2.0
μA
Input leakage current
ILI
VIN = GND to VCC
⎯
1.0
⎯
1.0
μA
Output leakage current
ILO
VOUT = GND to VCC
⎯
1.0
⎯
1.0
μA
Low level output voltage VOL
IOL = 2.1 mA
⎯
0.4
⎯
⎯
V
IOL = 100
μA
⎯
0.1
⎯
0.1
V
High level output voltage VOH
IOH =
−400 μA
2.4
⎯
⎯
⎯
V
IOH =
−100 μA
VCC
− 0.3
⎯
VCC
− 0.3
⎯
V
IOH =
−10 μA
VCC
− 0.2
⎯
VCC
− 0.2
⎯
V
Data hold voltage
of write enable latch
VDH
Only program disable
mode
1.5
⎯
1.5
⎯
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com