Electronic Components Datasheet Search
  English  ▼

X  

S93C76A Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S93C76A
Description  FOR AUTOMOTIVE 105C OPERATION
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S93C76A Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S93C76A Datasheet HTML 1Page - Seiko Instruments Inc S93C76A Datasheet HTML 2Page - Seiko Instruments Inc S93C76A Datasheet HTML 3Page - Seiko Instruments Inc S93C76A Datasheet HTML 4Page - Seiko Instruments Inc S93C76A Datasheet HTML 5Page - Seiko Instruments Inc S93C76A Datasheet HTML 6Page - Seiko Instruments Inc S93C76A Datasheet HTML 7Page - Seiko Instruments Inc S93C76A Datasheet HTML 8Page - Seiko Instruments Inc S93C76A Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
FOR AUTOMOTIVE 105
°C OPERATION 3-WIRE SERIAL E
2PROM
Rev.3.1_00
S-93C76A H Series
Seiko Instruments Inc.
5
Absolute Maximum Ratings
Table 5
Item
Symbol
Ratings
Unit
Power supply voltage
VCC
−0.3 to +7.0
V
Input voltage
VIN
−0.3 to VCC +0.3
V
Output voltage
VOUT
−0.3 to VCC
V
Operating ambient
temperature
Topr
−40 to +105
°C
Storage temperature
Tstg
−65 to +150
°C
Caution
The absolute maximum ratings are rated values exceeding which the product
could suffer physical damage. These values must therefore not be exceeded
under any conditions.
Recommended Operating Conditions
Table 6
Item
Symbol
Conditions
−40 to +85°C
+85 to +105°C
Unit
Min.
Max.
Min.
Max.
Power supply voltage
VCC
READ, EWDS
1.8
5.5
2.7
5.5
V
WRITE, ERASE, EWEN
2.7
5.5
2.7
5.5
V
WRAL, ERAL
2.7
5.5
4.5
5.5
V
High level input voltage VIH
VCC = 4.5 to 5.5 V
2.0
VCC
2.0
VCC
V
VCC = 2.7 to 4.5 V
0.8
× VCC
VCC
0.8
× VCC
VCC
V
VCC = 1.8 to 2.7 V
0.8
× VCC
VCC
⎯
⎯
V
Low level input voltage VIL
VCC = 4.5 to 5.5 V
0.0
0.8
0.0
0.8
V
VCC = 2.7 to 4.5 V
0.0
0.2
× VCC
0.0
0.2
× VCC
V
VCC = 1.8 to 2.7 V
0.0
0.15
× VCC
⎯
⎯
V
Pin Capacitance
Table 7
(Ta
= +25°C, f = 1.0 MHz, VCC = 5.0 V)
Item
Symbol
Conditions
Min.
Max.
Unit
Input Capacitance
CIN
VIN = 0 V
⎯
8
pF
Output Capacitance
COUT
VOUT = 0 V
⎯
10
pF
Endurance
Table 8
Item
Symbol
Operating Ambient Temperature
Min.
Max.
Unit
Endurance
NW
−40 to +85°C
10
6
⎯
cycles/word
*1
+85 to +105°C
5
× 10
5
⎯
cycles/word
*1
*1.
For each address (Word: 16 bits)
Data Retention
Table 9
Item
Symbol
Operating Ambient Temperature
Min.
Max.
Unit
Data Retention
⎯
+25°C
100
⎯
year
−40 to +105°C
20
⎯
year



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com