Electronic Components Datasheet Search
  English  ▼

X  

S93C76A Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # S93C76A
Description  FOR AUTOMOTIVE 105C OPERATION
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S93C76A Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S93C76A Datasheet HTML 8Page - Seiko Instruments Inc S93C76A Datasheet HTML 9Page - Seiko Instruments Inc S93C76A Datasheet HTML 10Page - Seiko Instruments Inc S93C76A Datasheet HTML 11Page - Seiko Instruments Inc S93C76A Datasheet HTML 12Page - Seiko Instruments Inc S93C76A Datasheet HTML 13Page - Seiko Instruments Inc S93C76A Datasheet HTML 14Page - Seiko Instruments Inc S93C76A Datasheet HTML 15Page - Seiko Instruments Inc S93C76A Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
FOR AUTOMOTIVE 105
°C OPERATION 3-WIRE SERIAL E
2PROM
S-93C76A H Series
Rev.3.1_00
Seiko Instruments Inc.
12
2. 3 Writing to chip (WRAL)
This instruction is used to write the same 16-bit data to the entire address space of the memory.
After making CS “H”, input a start bit, the WRAL instruction, an address, and 16-bit data. Any address may be
input. If data of more than 16 bits is input, the written data is sequentially shifted at each clock, and the 16-bit
data input last is the valid data. The write operation is started when CS is made “L”. It is not necessary to
set the data to “1” before it is written.
DO
<1>
2
3
4
5
6
7
8
9
10
11
12
13
14
29
0
0
0
1
D15
D0
DI
SK
CS
High-Z
tCDS
tSV
tPR
busy
ready
Standby
High-Z
tHZ1
Verify
1
8Xs
Figure 9 Chip Write Timing
2. 4 Erasing chip (ERAL)
This instruction is used to erase the data of the entire address space of the memory.
All the data is “1”. After making CS “H”, input a start bit, the ERAL instruction, and an address. Any address
may be input. It is not necessary to input data. The chip erase operation is started when CS is made “L”.
DO
<1>
2
3
4
5
6
7
8
9
10
11
12
13
0
0
1
0
DI
SK
CS
High-Z
tCDS
tSV
tPR
busy
ready
Standby
High-Z
tHZ1
Verify
1
8Xs
Figure 10 Chip Erase Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com