Electronic Components Datasheet Search
  English  ▼

X  

S5470 Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S5470
Description  ULTRA-LOW CURRENT CONSUMPTION
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5470 Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S5470 Datasheet HTML 2Page - Seiko Instruments Inc S5470 Datasheet HTML 3Page - Seiko Instruments Inc S5470 Datasheet HTML 4Page - Seiko Instruments Inc S5470 Datasheet HTML 5Page - Seiko Instruments Inc S5470 Datasheet HTML 6Page - Seiko Instruments Inc S5470 Datasheet HTML 7Page - Seiko Instruments Inc S5470 Datasheet HTML 8Page - Seiko Instruments Inc S5470 Datasheet HTML 9Page - Seiko Instruments Inc S5470 Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ULTRA-LOW CURRENT CONSUMPTION PHOTOCURRENT DETECTION IC
S-5470 Series
Rev.1.2_00
Seiko Instruments Inc.
6
Electrical Characteristics
Table 5
(Ta =
+25°C, VDD = 3.0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Power supply voltage
VDD
Ta =
−40°C to +85°C
0.9
−
5.5
V
−
VINP = VSS, VINM = VSS
−
0.01
10
nA
1
Current consumption
IDD
VINP = 1.0 V, VINM = VSS
−
0.02
10
nA
1
Detection current
IDET
−
0.52
0.7
0.88
nA
2
Release current
IREL
−
IDET
×
0.7
IDET
×
0.8
IDET
×
0.9
nA
2
Detection current
temperature coefficient
Itc
Ta =
−40°C to +85°C
−
±0.5
−
%
/°C
−
IINP
VINP = 1.0 V
20
−
−
μA
3
Input current
IINM
VINM = 1.0 V
10
−
−
μA
3
Current amplifier current
amplification ratio
× 2
GINM
−
1.8
2.0
2.2
Times
4
VDD = 0.9 V
0.01
0.4
−
mA
5
Source current
ISOURCE
CMOS output product
VOUT = VDD
− 0.3 V
VDD = 3.0 V
3.5
4.8
−
mA
5
VDD = 0.9 V
0.5
1.7
−
mA
6
Sink current
ISINK
VOUT = 0.3 V
VDD = 3.0 V
7.0
9.2
−
mA
6
Output response time
tOD
−
−
−
15
ms
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com