Electronic Components Datasheet Search
  English  ▼

X  

S5470 Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S5470
Description  ULTRA-LOW CURRENT CONSUMPTION
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5470 Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S5470 Datasheet HTML 6Page - Seiko Instruments Inc S5470 Datasheet HTML 7Page - Seiko Instruments Inc S5470 Datasheet HTML 8Page - Seiko Instruments Inc S5470 Datasheet HTML 9Page - Seiko Instruments Inc S5470 Datasheet HTML 10Page - Seiko Instruments Inc S5470 Datasheet HTML 11Page - Seiko Instruments Inc S5470 Datasheet HTML 12Page - Seiko Instruments Inc S5470 Datasheet HTML 13Page - Seiko Instruments Inc S5470 Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ULTRA-LOW CURRENT CONSUMPTION PHOTOCURRENT DETECTION IC
S-5470 Series
Rev.1.2_00
Seiko Instruments Inc.
10
2.
Basic operation when detecting the difference of photocurrent level
(Current amplifier current amplification ratio
× GINM)
The S-5470 Series operates as follows when current (IINM) is applied to the INM pin.
(1) If IINP is lower than IDET
+ GINM × IINM, an "L" level signal is output from the OUT pin.
(2) If IINP increases and becomes equal to or higher than IDET
+ GINM × IINM, an "H" level signal is output from the
OUT pin (point A in Figure 16). Even if IINP decreases and falls below IDET
+ GINM × IINM, as long as IINP is
higher than IREL
+ GINM × IINM, an "H" level signal is output from the OUT pin.
(3) If IINP then decreases further and becomes equal to or lower than IREL
+ GINM × IINM, an "L" level signal is output
from the OUT pin (point B in Figure 16).
Remark
IINP: Current input to the INP pin
IINM: Current input to the INM pin
IDET: Detection current (refer to "4. 1
Detection current (IDET)")
IREL: Release current (refer to "4. 2
Release current (IREL)")
Caution 1.
There are internal diodes at the INP pin and the INM pin. Therefore, in order to input a current
to the INP pin and the INM pin, an input voltage of at least the forward voltage of these diodes
is required.
2. Feed-through current (IPEAK = 100 nA) flows around the time when the OUT pin voltage switches,
as shown in Figure 16. Therefore, if the input current is fixed around this time, the current
consumption will increase.
OUT
*1
*1
+
−
INP
INM
*1
*1
IDET
IINP
+
−
VDD
VSS
*1
IINM
Current
comparator
Current
amplifier
Current
adder
*1.
Parasitic diode
Figure 15
Diagram of the Operation when Detecting the Difference of Photocurrent Level
IINP
− GINM × IINM
H
L
Current consumption (IDD)
IPEAK = 100 nA
OUT pin output voltage
(VOUT)
IDET
IREL
Hysteresis width
B
A
(3)
(1)
(2)
Figure 16
Operation when Detecting the Difference of Photocurrent Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com