Electronic Components Datasheet Search
  English  ▼

X  

S5470 Datasheet(PDF) 17 Page - Seiko Instruments Inc

Part # S5470
Description  ULTRA-LOW CURRENT CONSUMPTION
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5470 Datasheet(HTML) 17 Page - Seiko Instruments Inc

Back Button S5470 Datasheet HTML 13Page - Seiko Instruments Inc S5470 Datasheet HTML 14Page - Seiko Instruments Inc S5470 Datasheet HTML 15Page - Seiko Instruments Inc S5470 Datasheet HTML 16Page - Seiko Instruments Inc S5470 Datasheet HTML 17Page - Seiko Instruments Inc S5470 Datasheet HTML 18Page - Seiko Instruments Inc S5470 Datasheet HTML 19Page - Seiko Instruments Inc S5470 Datasheet HTML 20Page - Seiko Instruments Inc S5470 Datasheet HTML 21Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ULTRA-LOW CURRENT CONSUMPTION PHOTOCURRENT DETECTION IC
Rev.1.2_00
S-5470 Series
Seiko Instruments Inc.
17
Characteristics (Typical Data)
1.
Detection current vs. Temperature
2.
Detection current vs. Power supply voltage
VDD = 3.0 V
Ta =
+25°C
0.2
0.4
0.6
0.8
1.0
−40
0
255075 85
−25
Ta [
°C]
0
0.4
0.2
0.6
0.8
1.0
02
3
4
5
6
1
VDD [V]
3.
Release current vs. Temperature
4.
Release current vs. Power supply voltage
VDD = 3.0 V
Ta =
+25°C
0.2
0.4
0.6
0.8
1.0
−40
0
255075 85
−25
Ta [
°C]
0
0.4
0.2
0.6
0.8
1.0
02
3
4
5
6
1
VDD [V]
5.
Current consumption vs. Temperature
VDD = 3.0 V
0
1.0
2.0
3.0
−40
0
255075 85
−25
Ta [
°C]
VINP = 1 V
VINP = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com