Electronic Components Datasheet Search
  English  ▼

X  

S5470 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S5470
Description  ULTRA-LOW CURRENT CONSUMPTION
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5470 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S5470 Datasheet HTML 1Page - Seiko Instruments Inc S5470 Datasheet HTML 2Page - Seiko Instruments Inc S5470 Datasheet HTML 3Page - Seiko Instruments Inc S5470 Datasheet HTML 4Page - Seiko Instruments Inc S5470 Datasheet HTML 5Page - Seiko Instruments Inc S5470 Datasheet HTML 6Page - Seiko Instruments Inc S5470 Datasheet HTML 7Page - Seiko Instruments Inc S5470 Datasheet HTML 8Page - Seiko Instruments Inc S5470 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
S-5470 Series
www.sii-ic.com
ULTRA-LOW CURRENT CONSUMPTION
PHOTOCURRENT DETECTION IC
© Seiko Instruments Inc., 2012
Rev.1.2_00
Seiko Instruments Inc.
1
The S-5470 Series, developed by CMOS technology, is a photocurrent detection IC with an ultra-low current consumption.
It detects 0.7 nA typ. photocurrent generated by an external photodiode (PD) or LED. It also has a function to detect the
difference of photocurrent level between two external photodiodes (PDs) or LEDs.
Due to its ultra-low current consumption and low-voltage operation, the S-5470 Series is suitable for battery-operated
small mobile device applications.
Features
• Ultra-low current consumption:
IDD
≤ 0.1 nA typ.
• Micro-photocurrent detection:
IDET = 0.7 nA typ.
• Wide operation voltage range:
VDD = 0.9 V to 5.5 V
• Detection of certain photocurrent level:
Detects certain level of photocurrent generated by external photodiode
(PD) or LED
• Detection of photocurrent level difference: Detects the difference of photocurrent level between external
photodiodes (PDs) or LEDs
• External parts:
One or two external photodiodes (PDs) or LEDs
*1
• Lead-free (Sn 100%), halogen-free
*2
*1.
The required number of PDs or LEDs changes with operation.
Regarding selection of PD and LED, refer to "3.
Selection of PD or LED" in "
Application Circuits".
*2.
Refer to "
Product Name Structure" for details.
Applications
• Shading detection
• Light and darkness detection
• Non-contact switch for portable and wireless device
Package
• SOT-23-5


Similar Part No. - S5470

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S5471 SII-S5471 Datasheet
1Mb / 20P
ENERGY HARVESTING VOLTAGE MONITORING IC WITH ULTRA-LOW CURRENT CONSUMPTION
logo
Laird Tech Smart Techno...
S54717P LSTD-S54717P Datasheet
923Kb / 1P
Wide-Band Panel Antenna
More results

Similar Description - S5470

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
Low current consumption
logo
Rohm
BD4830FVE-TR ROHM-BD4830FVE-TR Datasheet
433Kb / 18P
High accuracy detection, Ultra-low current consumption
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
Low current consumption
logo
RF Micro Devices
RFFC506X RFMD-RFFC506X Datasheet
4Mb / 25P
Low Current Consumption
logo
Seiko Instruments Inc
S1206 SII-S1206 Datasheet
557Kb / 35P
ULTRA LOW CURRENT CONSUMPTION AND
S1167 SII-S1167 Datasheet
1Mb / 31P
ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION
S-5470A21I-M5T1U SII-S-5470A21I-M5T1U Datasheet
1Mb / 24P
ULTRA-LOW CURRENT CONSUMPTION
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
LOW CURRENT CONSUMPTION
logo
Infineon Technologies A...
TLE7276-2E INFINEON-TLE7276-2E Datasheet
424Kb / 19P
Ultra Low Current Consumption 20
Rev. 1.0, June 2009
logo
STMicroelectronics
STBC15 STMICROELECTRONICS-STBC15 Datasheet
832Kb / 23P
Ultra-low current consumption linear battery charger
23-May-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com