Electronic Components Datasheet Search
  English  ▼

X  

S5470 Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # S5470
Description  ULTRA-LOW CURRENT CONSUMPTION
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5470 Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S5470 Datasheet HTML 8Page - Seiko Instruments Inc S5470 Datasheet HTML 9Page - Seiko Instruments Inc S5470 Datasheet HTML 10Page - Seiko Instruments Inc S5470 Datasheet HTML 11Page - Seiko Instruments Inc S5470 Datasheet HTML 12Page - Seiko Instruments Inc S5470 Datasheet HTML 13Page - Seiko Instruments Inc S5470 Datasheet HTML 14Page - Seiko Instruments Inc S5470 Datasheet HTML 15Page - Seiko Instruments Inc S5470 Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ULTRA-LOW CURRENT CONSUMPTION PHOTOCURRENT DETECTION IC
S-5470 Series
Rev.1.2_00
Seiko Instruments Inc.
12
4.
Explanation of terms
4. 1
Detection current (IDET)
The detection current (IDET) is the current at which the output switches to "H".
The detection current varies slightly even among products with the same specification. The variation in detection
current from the minimum detection current (IDET min.) to the maximum detection current (IDET max.) is called the
detection current range (refer to Figure 18).
Detection current
Detection
current range
IINP
IDET max.
IDET min.
VOUT
H
L
Figure 18
Detection Current
4. 2
Release current (IREL)
The release current (IREL) is the current at which the output switches to "L".
The release current varies slightly even among products with the same specification. The variation in release
current from the minimum release current (IREL min.) to the maximum release current (IREL max.) is called the
release current range (refer to Figure 19).
The range is calculated from the actual detection current (IDET) of a product and is in the range of IDET
× 0.7 ≤
IREL
≤ IDET × 0.9.
Release current
Release
current range
IINP
IREL max.
IREL min.
VOUT
H
L
Figure 19
Release Current
4. 3
Hysteresis width
The hysteresis width is the current difference between the detection current and the release current (current at
point B
− current at point A in "Figure 14 Operation when Detecting Certain Photocurrent Level" and
"Figure 16
Operation when Detecting the Difference of Photocurrent Level
").
The hysteresis width between the detection current and the release current prevents malfunction caused by
noise in the input current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com