Electronic Components Datasheet Search
  English  ▼

X  

S5855A Datasheet(PDF) 18 Page - Seiko Instruments Inc

Part # S5855A
Description  PWM OUTPUT TEMPERATURE SENSOR IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5855A Datasheet(HTML) 18 Page - Seiko Instruments Inc

Back Button S5855A Datasheet HTML 14Page - Seiko Instruments Inc S5855A Datasheet HTML 15Page - Seiko Instruments Inc S5855A Datasheet HTML 16Page - Seiko Instruments Inc S5855A Datasheet HTML 17Page - Seiko Instruments Inc S5855A Datasheet HTML 18Page - Seiko Instruments Inc S5855A Datasheet HTML 19Page - Seiko Instruments Inc S5855A Datasheet HTML 20Page - Seiko Instruments Inc S5855A Datasheet HTML 21Page - Seiko Instruments Inc S5855A Datasheet HTML 22Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
PWM OUTPUT TEMPERATURE SENSOR IC
S-5855A Series
Rev.1.2_00
Seiko Instruments Inc.
18
4.
Fall time (tF) vs. Power supply voltage (VDD) dependency
1
2
50
40
30
25
10
0
3
4
5
6
VDD [V]
5.
Rise time (tR) vs.Power supply voltage (VDD) dependency
5.1 CMOS output product
5.2 Nch open-drain output product
1
2
120
140
100
80
60
40
0
20
3
4
5
6
VDD [V]
1
2
500
400
300
200
100
0
3
4
5
6
VDD [V]
6.
Duty ratio accuracy
6.1 Product with Ta = TSP5, Ddt(s) =
−1 %/°C
6.2 Product with Ta = TSP5, Ddt(s) =
−3 %/°C
Duty accuracy [%]
25
0
92
98
93
94
95
96
97
5
15
20
10
Duty accuracy [%]
25
0
76
94
78 80 82 84 86 88 90 92
5
15
10
20
7.
Oscillation frequency
7.1 Oscillation frequency (fOSC) vs.
Power supply voltage (VDD)
7.2 Oscillation frequency (fOSC) vs.
Temperature(Ta)
1
2
2300
2250
2200
2150
2100
3
4
5
6
VDD [V]
Ddt(s) =
−3%/°C
Ddt(s) =
−1%/°C
50
2300
2250
2200
2150
2100
75
100
125
Ta [
°C]
Ddt(s) =
−3%/°C
Ddt(s) =
−1%/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com