Electronic Components Datasheet Search
  English  ▼

X  

S5855A Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S5855A
Description  PWM OUTPUT TEMPERATURE SENSOR IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5855A Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S5855A Datasheet HTML 5Page - Seiko Instruments Inc S5855A Datasheet HTML 6Page - Seiko Instruments Inc S5855A Datasheet HTML 7Page - Seiko Instruments Inc S5855A Datasheet HTML 8Page - Seiko Instruments Inc S5855A Datasheet HTML 9Page - Seiko Instruments Inc S5855A Datasheet HTML 10Page - Seiko Instruments Inc S5855A Datasheet HTML 11Page - Seiko Instruments Inc S5855A Datasheet HTML 12Page - Seiko Instruments Inc S5855A Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
PWM OUTPUT TEMPERATURE SENSOR IC
Rev.1.2_00
S-5855A Series
Seiko Instruments Inc.
9
4.
Product with duty ratio temperature sensitivity Ddt(s) =
−3 %/°C
Table 9
(Ta = TSP5, VDD = 3.0 V , VSS = 0 V, CFREQ = 6.8 nF, unless otherwise specified)
Items
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test circuit
VDD = 3.0 V
76.0
85.0
94.0
%
2
Duty ratio accuracy
Dsp5
VDD = 1.65 V to 5.5 V
73.0
85.0
97.0
%
2
VDD = 3.0 V
−3.6
−3.0
−2.4
%/
°C
2
Duty ratio temperature
sensitivity
Ddt(E)
*1
Ta = TSP5
*2
,
TEM5
*3
VDD = 1.65 V to 5.5 V
−3.78
−3.0
−2.28
%/
°C
2
VDD = 3.0 V
1900
2240
2570
Hz
2
Ta = TSP5
VDD = 1.65 V to 5.5 V
1810
2240
2700
Hz
2
Oscillation frequency
fOSC
Ta = TEM5
VDD = 3.0 V
1620
2240
2950
Hz
2
*1.
Ddt(E): Actual duty ratio temperature sensitivity
*2.
TSP5:
Temperature 5
°C higher than duty ratio change-start temperature TS (Refer to Table 12 for details)
*3.
TEm5:
Higher temperature when measuring duty ratio temperature sensitivity (Refer to Table 12 for details)
5.
Product with duty ratio temperature sensitivity Ddt(s) =
−4 %/°C
Table 10
(Ta = TSP5, VDD = 3.0 V , VSS = 0 V, CFREQ = 10 nF, unless otherwise specified)
Items
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test circuit
VDD = 3.0 V
68.0
80.0
92.0
%
2
Duty ratio accuracy
Dsp5
VDD = 1.65 V to 5.5 V
64.0
80.0
96.0
%
2
VDD = 3.0 V
−4.8
−4.0
−3.2
%/
°C
2
Duty ratio temperature
sensitivity
Ddt(E)
*1
Ta = TSP5
*2
,
TEM5
*3
VDD = 1.65 V to 5.5 V
−5.05
−4.0
−3.04
%/
°C
2
VDD = 3.0 V
1730
2030
2330
Hz
2
Ta = TSP5
VDD = 1.65 V to 5.5 V
1640
2030
2440
Hz
2
Oscillation frequency
fOSC
Ta = TEM5
VDD = 3.0 V
1470
2030
2680
Hz
2
*1.
Ddt(E): Actual duty ratio temperature sensitivity
*2.
TSP5:
Temperature 5
°C higher than duty ratio change-start temperature TS (Refer to Table 12 for details)
*3.
TEM5:
Higher temperature when measuring duty ratio temperature sensitivity (Refer to Table 12 for details)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com