Electronic Components Datasheet Search
  English  ▼

X  

S5855A Datasheet(PDF) 16 Page - Seiko Instruments Inc

Part # S5855A
Description  PWM OUTPUT TEMPERATURE SENSOR IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5855A Datasheet(HTML) 16 Page - Seiko Instruments Inc

Back Button S5855A Datasheet HTML 12Page - Seiko Instruments Inc S5855A Datasheet HTML 13Page - Seiko Instruments Inc S5855A Datasheet HTML 14Page - Seiko Instruments Inc S5855A Datasheet HTML 15Page - Seiko Instruments Inc S5855A Datasheet HTML 16Page - Seiko Instruments Inc S5855A Datasheet HTML 17Page - Seiko Instruments Inc S5855A Datasheet HTML 18Page - Seiko Instruments Inc S5855A Datasheet HTML 19Page - Seiko Instruments Inc S5855A Datasheet HTML 20Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
PWM OUTPUT TEMPERATURE SENSOR IC
S-5855A Series
Rev.1.2_00
Seiko Instruments Inc.
16
Precaution
• Note that this IC may itself heat depending on a connected load to the output pin, resulting in error in measuring
temperature.
• Set a capacitor (CIN) of approx. 0.1 μF between the VDD pin and VSS pin for stabilization as close to IC as possible.
• Connect a capacitor CFREQ for oscillation frequency as close to IC as possible.
• Leakage current applied on the CF pin may cause error in the output duty ratio. Do not connect other components than
CFREQ.
• Since the error of the output duty ratio may become large depending on an application circuit or the design of a board
pattern on this IC, perform thorough evaluation with the actually mounted model in the case of use.
• The application conditions for the input voltage, output voltage, and load current should not exceed the package power
dissipation.
• Do not apply an electrostatic discharge to this IC that exceeds the performance ratings of the built-in electrostatic
protection circuit.
• SII claims no responsibility for any disputes arising out of or in connection with any infringement by products, including
this IC, of patents owned by a third party.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com