Electronic Components Datasheet Search
  English  ▼

X  

S5855A Datasheet(PDF) 14 Page - Seiko Instruments Inc

Part # S5855A
Description  PWM OUTPUT TEMPERATURE SENSOR IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5855A Datasheet(HTML) 14 Page - Seiko Instruments Inc

Back Button S5855A Datasheet HTML 10Page - Seiko Instruments Inc S5855A Datasheet HTML 11Page - Seiko Instruments Inc S5855A Datasheet HTML 12Page - Seiko Instruments Inc S5855A Datasheet HTML 13Page - Seiko Instruments Inc S5855A Datasheet HTML 14Page - Seiko Instruments Inc S5855A Datasheet HTML 15Page - Seiko Instruments Inc S5855A Datasheet HTML 16Page - Seiko Instruments Inc S5855A Datasheet HTML 17Page - Seiko Instruments Inc S5855A Datasheet HTML 18Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
PWM OUTPUT TEMPERATURE SENSOR IC
S-5855A Series
Rev.1.2_00
Seiko Instruments Inc.
14
Explanation of Terms
1.
Duty ratio accuracy (Dsp5)
Dsp5 shows duty ratio in temperature TSP5 5
°C higher than duty ratio change-start temperature TS.
Ta [°C]
100 %
TS TSP5
Dsp
5
5°C
Duty ratio [%]
Figure 12
2. Duty ratio temperature sensitivity (Ddt(E))
Duty ratio temperature sensitivity (Ddt(E)) is the temperature coefficient of duty ratio calculated from the output duty
ratio at Ta = TSP5 and Ta = TEM5. TEM5 is the temperature decided for each product shown in Table 11, and Dem5 is
the output duty ratio at Ta = TEM5. Ddt(E) is calculated using the following formula.
Ddt(E) = (Dem5
− Dsp5) / (TEM5 − TSP5) [%/°C]
Ta [°C]
100%
TS TSP5
Dsp
5
TEM5
Dem
5
Ddt(E)
*1
Duty ratio [%]
*1.
Selectable from
−1 %/°C to −4 %/°C in 1 %/°C step
Figure 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com