Electronic Components Datasheet Search
  English  ▼

X  

S5855A Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S5855A
Description  PWM OUTPUT TEMPERATURE SENSOR IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5855A Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S5855A Datasheet HTML 1Page - Seiko Instruments Inc S5855A Datasheet HTML 2Page - Seiko Instruments Inc S5855A Datasheet HTML 3Page - Seiko Instruments Inc S5855A Datasheet HTML 4Page - Seiko Instruments Inc S5855A Datasheet HTML 5Page - Seiko Instruments Inc S5855A Datasheet HTML 6Page - Seiko Instruments Inc S5855A Datasheet HTML 7Page - Seiko Instruments Inc S5855A Datasheet HTML 8Page - Seiko Instruments Inc S5855A Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
PWM OUTPUT TEMPERATURE SENSOR IC
Rev.1.2_00
S-5855A Series
Seiko Instruments Inc.
3
Product Name Structure
1.
Product name
S-5855
A
x
x
x
− xxxx
U
Duty ratio temperature sensitivity
A
:
−1 %/°C
B
:
−2 %/°C
C
:
−3 %/°C
D
:
−4 %/°C
Package name (abbreviation) and packing specifications
*1
I4T1 :SNT-4A, Tape
M5T1 :SOT-23-5, Tape
Output form
A
:CMOS output
B
:Nch open-drain output
Environmental code
U
:Lead-free (Sn 100%), halogen-free
Duty ratio change-start temperature
A
:
+40°C
B
:
+50°C
C
:
+60°C
D
:
+70°C
E
:
+80°C
*1. Refer to the tape drawing.
2.
Packages
Drawing Code
Package Name
Package
Tape
Reel
Land
SNT-4A
PF004-A-P-SD
PF004-A-C-SD
PF004-A-R-SD
PF004-A-L-SD
SOT-23-5
MP005-A-P-SD
MP005-A-C-SD
MP005-A-R-SD
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com