Electronic Components Datasheet Search
  English  ▼

X  

ISO7841F Datasheet(PDF) 5 Page - Texas Instruments

Part # ISO7841F
Description  ISO7841 ISO7841F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7841F Datasheet(HTML) 5 Page - Texas Instruments

  ISO7841F Datasheet HTML 1Page - Texas Instruments ISO7841F Datasheet HTML 2Page - Texas Instruments ISO7841F Datasheet HTML 3Page - Texas Instruments ISO7841F Datasheet HTML 4Page - Texas Instruments ISO7841F Datasheet HTML 5Page - Texas Instruments ISO7841F Datasheet HTML 6Page - Texas Instruments ISO7841F Datasheet HTML 7Page - Texas Instruments ISO7841F Datasheet HTML 8Page - Texas Instruments ISO7841F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
ISO7841, ISO7841F
www.ti.com
SLLSEM3C – NOVEMBER 2014 – REVISED JULY 2015
6 Specifications
6.1 Absolute Maximum Ratings
See
(1)
MIN
MAX
UNIT
VCC1,
Supply voltage(2)
–0.5
6
V
VCC2
INx
Voltage
OUTx
–0.5
VCCX + 0.5
(3)
V
ENx
IO
Output current
–15
15
mA
Surge immunity
12.8
kV
TJ
Maximum junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values except differential I/O bus voltages are with respect to the local ground terminal (GND1 or GND2) and are peak
voltage values.
(3)
Maximum voltage must not exceed 6 V
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±6000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all
±1500
pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VCC1,
Supply voltage
2.25
5.5
V
VCC2
VCCO
(1) = 5 V
–4
IOH
High-level output current
VCCO
(1) = 3.3 V
–2
mA
VCCO
(1) = 2.5 V
–1
VCCO
(1) = 5 V
4
IOL
Low-level output current
VCCO
(1) = 3.3 V
2
mA
VCCO
(1) = 2.5 V
1
VIH
High-level input voltage
0.7 × VCCI
(1)
VCCI
(1)
V
VIL
Low-level input voltage
0
0.3 × VCCI
(1)
V
DR
Signaling rate
0
100
Mbps
TJ
Junction temperature(2)
–55
150
°C
TA
Ambient temperature
–55
25
125
°C
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC.
(2)
To maintain the recommended operating conditions for TJ, see Thermal Information.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ISO7841 ISO7841F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com