Electronic Components Datasheet Search
  English  ▼

X  

ISO7841F Datasheet(PDF) 18 Page - Texas Instruments

Part # ISO7841F
Description  ISO7841 ISO7841F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7841F Datasheet(HTML) 18 Page - Texas Instruments

Back Button ISO7841F Datasheet HTML 14Page - Texas Instruments ISO7841F Datasheet HTML 15Page - Texas Instruments ISO7841F Datasheet HTML 16Page - Texas Instruments ISO7841F Datasheet HTML 17Page - Texas Instruments ISO7841F Datasheet HTML 18Page - Texas Instruments ISO7841F Datasheet HTML 19Page - Texas Instruments ISO7841F Datasheet HTML 20Page - Texas Instruments ISO7841F Datasheet HTML 21Page - Texas Instruments ISO7841F Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
ISO7841, ISO7841F
SLLSEM3C – NOVEMBER 2014 – REVISED JULY 2015
www.ti.com
8.3.1.4 Regulatory Information
DW package certifications are complete.
VDE
CSA
UL
CQC
Certified according to DIN V VDE Approved under CSA
Certified according to UL 1577
V 0884-10 (VDE V 0884-
Component Acceptance Notice
Certified according to GB 4943.1-
Component Recognition
10):2006-12 and DIN EN 60950-
5A, IEC 60950-1, IEC 61010-1,
2011
Program
1 (VDE 0805 Teil 1):2011-01
and IEC 60601-1
Reinforced insulation per CSA
61010-1-12 and IEC 61010-1
3rd Ed., 300 VRMS max working
voltage;
Reinforced insulation
Reinforced insulation per CSA
Maximum transient isolation
60950-1-07+A1+A2 and IEC
voltage, 8000 VPK;
Reinforced Insulation, Altitude
≤
60950-1 2nd Ed., 800 VRMS
Maximum repetitive peak
Single protection, 5700 VRMS
(1)
5000 m, Tropical Climate, 250 VRMS
max working voltage (pollution
isolation voltage, 2121 VPK;
maximum working voltage
degree 2, material group I) ;
Maximum surge isolation
2 MOPP (Means of Patient
voltage, 8000 VPK
Protection) per CSA 60601-
1:14 and IEC 60601-1 Ed. 3.1,
250 VRMS (354 VPK) max
working voltage
Master contract number:
Certificate number:
Certificate number: 40040142
File number: E181974
220991
CQC15001121716
(1)
Production tested
≥ 6840 VRMS for 1 second in accordance with UL 1577.
18
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ISO7841 ISO7841F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com