Electronic Components Datasheet Search
  English  ▼

X  

ISO7841F Datasheet(PDF) 16 Page - Texas Instruments

Part # ISO7841F
Description  ISO7841 ISO7841F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7841F Datasheet(HTML) 16 Page - Texas Instruments

Back Button ISO7841F Datasheet HTML 12Page - Texas Instruments ISO7841F Datasheet HTML 13Page - Texas Instruments ISO7841F Datasheet HTML 14Page - Texas Instruments ISO7841F Datasheet HTML 15Page - Texas Instruments ISO7841F Datasheet HTML 16Page - Texas Instruments ISO7841F Datasheet HTML 17Page - Texas Instruments ISO7841F Datasheet HTML 18Page - Texas Instruments ISO7841F Datasheet HTML 19Page - Texas Instruments ISO7841F Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
ISO7841, ISO7841F
SLLSEM3C – NOVEMBER 2014 – REVISED JULY 2015
www.ti.com
8.3 Feature Description
PRODUCT
CHANNEL DIRECTION
RATED ISOLATION
MAX DATA RATE
DEFAULT OUTPUT
3 Forward,
ISO7841
5700 VRMS / 8000 VPK
(1)
100 Mbps
High
1 Reverse
3 Forward,
ISO7841F
5700 VRMS / 8000 VPK
(1)
100 Mbps
Low
1 Reverse
(1)
See Regulatory Information for detailed isolation ratings.
8.3.1 High Voltage Feature Description
8.3.1.1 Package Insulation and Safety-Related Specifications
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Shortest terminal-to-terminal distance
L(I01)
Minimum air gap (clearance)
DW-16
8
mm
through air
Minimum external tracking
Shortest terminal-to-terminal distance
L(I02)(1)
DW-16
8
mm
(creepage)
across the package surface
Tracking resistance (comparative
CTI
DIN EN 60112 (VDE 0303-11); IEC 60112; UL 746A
600
V
tracking index)
VIO = 500 V, TA = 25°C
1012
Ω
Isolation resistance, input to
RIO
output(2)
VIO = 500 V, 100°C ≤ TA ≤ max
1011
Ω
Barrier capacitance, input to
CIO
VIO = 0.4 x sin (2πft), f = 1 MHz
2
pF
output(2)
CI
Input capacitance(3)
VI = VCC/2 + 0.4 x sin (2πft), f = 1 MHz, VCC = 5 V
2
pF
(1)
Per JEDEC package dimensions.
(2)
All pins on each side of the barrier tied together creating a two-terminal device.
(3)
Measured from input pin to ground.
NOTE
Creepage and clearance requirements should be applied according to the specific
equipment isolation standards of an application. Care should be taken to maintain the
creepage and clearance distance of a board design to ensure that the mounting pads of
the isolator on the printed-circuit board do not reduce this distance.
Creepage and clearance on a printed-circuit board become equal in certain cases.
Techniques such as inserting grooves and/or ribs on a printed circuit board are used to
help increase these specifications.
16
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ISO7841 ISO7841F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com