Electronic Components Datasheet Search
  English  ▼

X  

ISO7841F Datasheet(PDF) 11 Page - Texas Instruments

Part # ISO7841F
Description  ISO7841 ISO7841F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7841F Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISO7841F Datasheet HTML 7Page - Texas Instruments ISO7841F Datasheet HTML 8Page - Texas Instruments ISO7841F Datasheet HTML 9Page - Texas Instruments ISO7841F Datasheet HTML 10Page - Texas Instruments ISO7841F Datasheet HTML 11Page - Texas Instruments ISO7841F Datasheet HTML 12Page - Texas Instruments ISO7841F Datasheet HTML 13Page - Texas Instruments ISO7841F Datasheet HTML 14Page - Texas Instruments ISO7841F Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
ISO7841, ISO7841F
www.ti.com
SLLSEM3C – NOVEMBER 2014 – REVISED JULY 2015
6.11 Switching Characteristics, 2.5 V
VCC1 = VCC2 = 2.5 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
7.5
11.7
17.5
See Figure 7
PWD(1)
Pulse width distortion |tPHL – tPLH|
0.66
4.2
tsk(o)
(2)
Channel-to-channel output skew time
Same-direction Channels
2.2
tsk(pp)
(3)
Part-to-part skew time
4.5
tr
Output signal rise time
1
3.5
ns
See Figure 7
tf
Output signal fall time
1.2
3.5
Disable propagation delay, high-to-high impedance
tPHZ
22
45
output
Disable propagation delay, low-to-high impedance
tPLZ
22
45
output
Enable propagation delay, high impedance-to-high
18
45
ns
output for ISO7841
tPZH
See Figure 8
Enable propagation delay, high impedance-to-high
2
2.5
μs
output for ISO7841F
Enable propagation delay, high impedance-to-low
2
2.5
μs
output for ISO7841
tPZL
Enable propagation delay, high impedance-to-low
18
45
ns
output for ISO7841F
Measured from the time VCC goes
tfs
Default output delay time from input power loss
0.2
9
μs
below 1.7 V. See Figure 9
tie
Time interval error
0.91
ns
216 – 1 PRBS data at 100 Mbps
(1)
Also known as pulse skew.
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ISO7841 ISO7841F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com