Electronic Components Datasheet Search
  English  ▼

X  

S8252 Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S8252
Description  BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8252 Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S8252 Datasheet HTML 1Page - Seiko Instruments Inc S8252 Datasheet HTML 2Page - Seiko Instruments Inc S8252 Datasheet HTML 3Page - Seiko Instruments Inc S8252 Datasheet HTML 4Page - Seiko Instruments Inc S8252 Datasheet HTML 5Page - Seiko Instruments Inc S8252 Datasheet HTML 6Page - Seiko Instruments Inc S8252 Datasheet HTML 7Page - Seiko Instruments Inc S8252 Datasheet HTML 8Page - Seiko Instruments Inc S8252 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.3.1_01
S-8252 Series
Seiko Instruments Inc.
5
3. 2 SNT-6A
Table 3
Product Name
Over-
charge
Detection
Voltage
[VCU]
Over-
charge
Release
Voltage
[VCL]
Over-
discharge
Detection
Voltage
[VDL]
Over-
discharge
Release
Voltage
[VDU]
Discharge
Overcurrent
Detection
Voltage
[VDIOV]
Charge
Overcurrent
Detection
Voltage
[VCIOV]
0 V Battery
Charge
Function
Power-
down
Function
Delay Time
Combination
*1
S-8252AAA-I6T1U
4.280 V
4.080 V
2.00 V
2.00 V
0.20 V
−0.10 V
Unavailable Available
(1)
S-8252AAH-I6T1U
4.250 V
4.100 V
3.00 V
3.00 V
0.20 V
−0.20 V
Available
Available
(1)
S-8252AAM-I6T1U
4.250 V
4.050 V
2.40 V
3.00 V
0.10 V
−0.10 V
Available
Available
(1)
S-8252AAN-I6T1U
4.325 V
4.075 V
2.20 V
2.90 V
0.21 V
−0.10 V
Available
Available
(1)
S-8252AAY-I6T1U
4.250 V
4.050 V
3.00 V
3.20 V
0.15 V
−0.05 V
Unavailable Available
(2)
S-8252ABJ-I6T1U
4.300 V
4.100 V
2.40 V
3.00 V
0.21 V
−0.25 V
Unavailable Available
(1)
S-8252ABK-I6T1U
4.350 V
4.150 V
2.30 V
2.90 V
0.16 V
−0.40 V
Unavailable Available
(1)
S-8252ABL-I6T1U
4.300 V
4.100 V
2.40 V
2.60 V
0.24 V
−0.20 V
Unavailable Available
(5)
S-8252ABM-I6T1U
4.350 V
4.150 V
2.30 V
2.50 V
0.17 V
−0.40 V
Unavailable Available
(5)
S-8252ABO-I6T1U
4.300 V
4.100 V
2.30 V
2.70 V
0.23 V
−0.25 V
Unavailable Available
(5)
S-8252ABP-I6T1U
4.350 V
4.150 V
2.00 V
2.40 V
0.19 V
−0.40 V
Unavailable Available
(5)
*1. Refer to Table 4 about the details of the delay time combinations.
Remark Please contact our sales office for the products with detection voltage value other than those specified above.
Table 4
Delay Time
Combination
Overcharge
Detection
Delay Time
[tCU]
Overdischarge
Detection
Delay Time
[tDL]
Discharge Overcurrent
Detection
Delay Time
[tDIOV]
Load Short-circuiting
Detection
Delay Time
[tSHORT]
Charge Overcurrent
Detection
Delay Time
[tCIOV]
(1)
1.0 s
128 ms
8 ms
280
μs
8 ms
(2)
1.0 s
500 ms
8 ms
280
μs
8 ms
(3)
1.0 s
128 ms
8 ms
280
μs
−
(4)
1.0 s
128 ms
8 ms
1 ms
8 ms
(5)
1.0 s
128 ms
16 ms
280
μs
8 ms
Remark The delay times can be changed within the range listed Table 5. For details, please contact our sales office.
Table 5
Delay Time
Symbol
Selection Range
Remark
Overcharge detection delay time
tCU
256 ms
512 ms
1.0 s
*1
Select a value from the left.
Overdischarge detection delay time
tDL
32 ms
64 ms
128 ms
*1
Select a value from the left.
Discharge overcurrent detection delay time
tDIOV
4 ms
8 ms
*1
16 ms
Select a value from the left.
Load short-circuiting detection delay time
tSHORT
280
μs
*1
500
μs
1 ms
Select a value from the left.
Charge overcurrent detection delay time
tCIOV
4 ms
8 ms
*1
16 ms
Select a value from the left.
*1. This value is the delay time of the standard products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com