Electronic Components Datasheet Search
  English  ▼

X  

S8252 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S8252
Description  BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8252 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S8252 Datasheet HTML 1Page - Seiko Instruments Inc S8252 Datasheet HTML 2Page - Seiko Instruments Inc S8252 Datasheet HTML 3Page - Seiko Instruments Inc S8252 Datasheet HTML 4Page - Seiko Instruments Inc S8252 Datasheet HTML 5Page - Seiko Instruments Inc S8252 Datasheet HTML 6Page - Seiko Instruments Inc S8252 Datasheet HTML 7Page - Seiko Instruments Inc S8252 Datasheet HTML 8Page - Seiko Instruments Inc S8252 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
S-8252 Series
www.sii-ic.com
BATTERY PROTECTION IC
FOR 2-SERIAL-CELL PACK
© Seiko Instruments Inc., 2011-2015
Rev.3.1_01
Seiko Instruments Inc.
1
The S-8252 Series is a protection IC for 2-serial-cell lithium-ion / lithium polymer rechargeable batteries and includes high-
accuracy voltage detection circuits and delay circuits.
The S-8252 Series is suitable for protecting 2-serial-cell rechargeable lithium-ion / lithium polymer battery packs from
overcharge, overdischarge, and overcurrent.
Features
• High-accuracy voltage detection function for each cell
Overcharge detection voltage n (n = 1, 2)
3.550 V to 4.600 V (5 mV steps)
Accuracy
±20 mV (Ta = +25°C)
Accuracy
±25 mV (Ta = −10°C to +60°C)
Overcharge release voltage n (n = 1, 2)
3.150 V to 4.600 V
*1
Accuracy
±30 mV
Overdischarge detection voltage n (n = 1, 2)
2.00 V to 3.00 V (10 mV steps)
Accuracy
±50 mV
Overdischarge release voltage n (n = 1, 2)
2.00 V to 3.40 V
*2
Accuracy
±100 mV
Discharge overcurrent detection voltage
0.05 V to 0.40 V (10 mV steps)
Accuracy
±10 mV
Load short-circuiting detection voltage
0.5 V (fixed)
Accuracy
±100 mV
Charge overcurrent detection voltage
−0.40 V to −0.05 V (25 mV steps) Accuracy ±20 mV
• Charge overcurrent detection function "available" / "unavailable" is selectable.
• Detection delay times are generated only by an internal circuit (external capacitors are unnecessary).
Accuracy
±20%
• High-withstand voltage device is used for charger connection pins
(VM pin and CO pin: Absolute maximum rating = 28 V)
• 0 V battery charge function "available" / "unavailable" is selectable.
• Power-down function "available" / "unavailable" is selectable.
• Wide operation temperature range
Ta =
−40°C to +85°C
• Low current consumption
During operation
8.0
μA max. (Ta = +25°C)
During power-down
0.1
μA max. (Ta = +25°C)
• Lead-free (Sn 100%), halogen-free
*1. Overcharge release voltage = Overcharge detection voltage
− Overcharge hysteresis voltage
(Overcharge hysteresis voltage n (n = 1, 2) can be selected as 0 V or from a range of 0.10 V to 0.40 V in 50 mV
steps.)
*2. Overdischarge release voltage = Overdischarge detection voltage
+ Overdischarge hysteresis voltage
(Overdischarge hysteresis voltage n (n = 1, 2) can be selected as 0 V or from a range of 0.1 V to 0.7 V in 100 mV
steps.)
Applications
• Lithium-ion rechargeable battery pack
• Lithium polymer rechargeable battery pack
Packages
• SOT-23-6
• SNT-6A


Similar Part No. - S8252

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8250A SII-S8250A Datasheet
736Kb / 36P
BATTERY PROTECTION IC WITH DISCHARGE CONTROL FUNCTION FOR 1-CELL PACK
S8250B SII-S8250B Datasheet
720Kb / 32P
BATTERY PROTECTION IC FOR 1-CELL PACK
S8253C SII-S8253C Datasheet
470Kb / 33P
BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
S8254A SII-S8254A Datasheet
359Kb / 29P
BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
logo
Hamamatsu Corporation
S8255 HAMAMATSU-S8255 Datasheet
142Kb / 2P
Si PIN photodiode
More results

Similar Description - S8252

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8232 SII-S-8232 Datasheet
679Kb / 27P
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
S-8242B SII-S-8242B Datasheet
395Kb / 30P
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
S8213 SII-S8213 Datasheet
524Kb / 28P
BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK
S8262A SII-S8262A Datasheet
436Kb / 36P
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
S8223A SII-S8223A Datasheet
2Mb / 30P
BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
logo
ABLIC Inc.
S-8223A ABLIC-S-8223A Datasheet
809Kb / 30P
BATTERY PROTECTION IC FOR 2-SERIAL / 3-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.1.3_00
S-8252 ABLIC-S-8252 Datasheet
614Kb / 37P
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.3.9_00
S-8262A ABLIC-S-8262A Datasheet
566Kb / 36P
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.1.0_03
S-82A2A ABLIC-S-82A2A Datasheet
838Kb / 55P
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.2.2_00
S-82B2A ABLIC-S-82B2A Datasheet
825Kb / 54P
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.2.2_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com