Electronic Components Datasheet Search
  English  ▼

X  

S8252 Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # S8252
Description  BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8252 Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S8252 Datasheet HTML 8Page - Seiko Instruments Inc S8252 Datasheet HTML 9Page - Seiko Instruments Inc S8252 Datasheet HTML 10Page - Seiko Instruments Inc S8252 Datasheet HTML 11Page - Seiko Instruments Inc S8252 Datasheet HTML 12Page - Seiko Instruments Inc S8252 Datasheet HTML 13Page - Seiko Instruments Inc S8252 Datasheet HTML 14Page - Seiko Instruments Inc S8252 Datasheet HTML 15Page - Seiko Instruments Inc S8252 Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
S-8252 Series
Rev.3.1_01
Seiko Instruments Inc.
12
16. Overdischarge detection delay time
(Test circuit 5)
The overdischarge detection delay time (tDL) is the time needed for VDO to go to "L" after the voltage V1 decreases
and falls below VDL under the set condition of V1 = V2 = 3.5 V, V3 = 0 V.
17. Discharge overcurrent detection delay time
(Test circuit 5)
The discharge overcurrent detection delay time (tDIOV) is the time needed for VDO to go to "L" after the voltage V3
increases and exceeds VDIOV under the set conditions of V1 = V2 = 3.5 V, V3 = 0 V.
18. Load short-circuiting detection delay time
(Test circuit 5)
The load short-circuiting detection delay time (tSHORT) is the time needed for VDO to go to "L" after the voltage V3
increases and exceeds VSHORT under the set conditions of V1 = V2 = 3.5 V, V3 = 0 V.
19. Charge overcurrent detection delay time
(Test circuit 5)
The charge overcurrent detection delay time (tCIOV) is the time needed for VCO to go to "L" after the voltage V3
decreases and falls below VCIOV under the set condition of V1 = V2 = 3.5 V, V3 = 0 V.
20. 0 V battery charge starting charger voltage (0 V battery charge function "available")
(Test circuit 2)
The 0 V battery charge starting charger voltage (V0CHA) is defined as the absolute value of voltage V3 at which VCO
goes to "H" (VCO = VDD) when the voltage V3 is gradually decreased from the starting condition of V1 = V2 = V3 = 0
V.
21. 0 V battery charge inhibition battery voltage (0 V battery charge function "unavailable")
(Test circuit 2)
The 0 V battery charge inhibition battery voltage (V0INH) is defined as the voltage V1 at which VCO goes to "L" (VVM
+
0.1 V or lower) when the voltage V1 is gradually decreased, after setting V1 = V2 = 1.5 V, V3 =
−6.0 V.
VC
S-8252 Series
CO
VM
DO
V
V3
V
VDD
VSS
R1 = 470
Ω
V1
V2
C1 = 0.1
μF
C2 = 0.1
μF
R2 = 470
Ω
COM
VCO
VDO
Figure 5 Test Circuit 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com