Electronic Components Datasheet Search
  English  ▼

X  

S8252 Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S8252
Description  BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8252 Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S8252 Datasheet HTML 4Page - Seiko Instruments Inc S8252 Datasheet HTML 5Page - Seiko Instruments Inc S8252 Datasheet HTML 6Page - Seiko Instruments Inc S8252 Datasheet HTML 7Page - Seiko Instruments Inc S8252 Datasheet HTML 8Page - Seiko Instruments Inc S8252 Datasheet HTML 9Page - Seiko Instruments Inc S8252 Datasheet HTML 10Page - Seiko Instruments Inc S8252 Datasheet HTML 11Page - Seiko Instruments Inc S8252 Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
S-8252 Series
Rev.3.1_01
Seiko Instruments Inc.
8
Electrical Characteristics
1. Ta =
+25°C
Table 9
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
DETECTION VOLTAGE
Overcharge detection voltage n (n = 1, 2)
VCUn
−
VCU
− 0.020 VCU VCU + 0.020
V
1
Ta =
−10°C to +60°C
*1
VCU
− 0.025 VCU VCU + 0.025
V
1
Overcharge release voltage n (n = 1, 2)
VCLn
VCL
≠ VCU
VCL
− 0.030 VCL VCL + 0.030
V
1
VCL = VCU
VCL
− 0.030 VCL VCL + 0.020
V
1
Overdischarge detection voltage n (n = 1, 2) VDLn
−
VDL
− 0.050 VDL VDL + 0.050
V
2
Overdischarge release voltage n (n = 1, 2)
VDUn
VDL
≠ VDU
VDU
− 0.100 VDU VDU + 0.100
V
2
VDL = VDU
VDU
− 0.050 VDU VDU + 0.050
V
2
Discharge overcurrent detection voltage
VDIOV
−
VDIOV
− 0.010 VDIOV VDIOV + 0.010 V
2
Load short-circuiting detection voltage
VSHORT
−
0.40
0.50
0.60
V
2
DETECTION VOLTAGE (WITH CHARGE OVERCURRENT DETECTION FUNCTION)
Charge overcurrent detection voltage
VCIOV
−
VCIOV
− 0.020 VCIOV VCIOV + 0.020 V
2
DETECTION VOLTAGE (WITHOUT CHARGE OVERCURRENT DETECTION FUNCTION)
Charger detection voltage
VCHA
−
−1.0
−0.7
−0.4
V
2
0 V BATTERY CHARGE FUNCTION
0 V battery charge starting charger voltage V0CHA
0 V battery charge function
"available"
0.0
0.7
1.0
V
2
0 V battery charge inhibition battery voltage V0INH
0 V battery charge function
"unavailable"
0.4
0.8
1.1
V
2
INTERNAL RESISTANCE
Resistance between VM pin and VDD pin
RVMD
V1 = V2 = 1.8 V, V3 = 0 V
100
300
900
k
Ω
3
Resistance between VM pin and VSS pin
RVMS
V1 = V2 = 3.5 V, V3 = 1.0 V
10
20
40
k
Ω
3
INPUT VOLTAGE
Operation voltage between VDD pin and
VSS pin
VDSOP1
−
1.5
−
10
V
−
INPUT CURRENT (WITH POWR-DOWN FUNCTION)
Current consumption during operation
IOPE
V1 = V2 = 3.5 V, V3 = 0 V
−
4.0
8.0
μA2
Current consumption during power-down
IPDN
V1 = V2 = 1.5 V, V3 = 3.0 V
−
−
0.1
μA
2
VC pin current
IVC
V1 = V2 = 3.5 V, V3 = 0 V
0.0
0.7
1.5
μA
2
INPUT CURRENT (WITHOUT POWR-DOWN FUNCTION)
Current consumption during operation
IOPE
V1 = V2 = 3.5 V, V3 = 0 V
−
4.0
8.0
μA2
Current consumption during overdischarge IOPED
V1 = V2 = 1.5 V, V3 = 3.0 V
−
2.5
5.0
μA2
VC pin current
IVC
V1 = V2 = 3.5 V, V3 = 0 V
0.0
0.7
1.5
μA2
OUTPUT RESISTANCE
CO pin resistance "H"
RCOH
V1 = V2 = 3.5 V,
V3 = 0 V, V4 = 6.5 V
2.5
5
10
k
Ω
4
CO pin resistance "L"
RCOL
V1 = V2 = 4.7 V,
V3 = 0 V, V4 = 0.5 V
2.5
5
10
k
Ω
4
DO pin resistance "H"
RDOH
V1 = V2 = 3.5 V,
V3 = 0 V, V5 = 6.5 V
5
10
20
k
Ω
4
DO pin resistance "L"
RDOL
V1 = V2 = 1.8 V,
V3 = 3.6 V, V5 = 0.5 V
5
10
20
k
Ω
4
DELAY TIME
Overcharge detection delay time
tCU
−
tCU
× 0.8
tCU
tCU
× 1.2
−
5
Overdischarge detection delay time
tDL
−
tDL
× 0.8
tDL
tDL
× 1.2
−
5
Discharge overcurrent detection delay time tDIOV
−
tDIOV
× 0.8
tDIOV
tDIOV
× 1.2
−
5
Load short-circuiting detection delay time
tSHORT
−
tSHORT
× 0.8 tSHORT tSHORT × 1.2
−
5
Charge overcurrent detection delay time
tCIOV
−
tCIOV
× 0.8
tCIOV
tCIOV
× 1.2
−
5
*1. Since products are not screened at high and low temperature, the specification for this temperature range is guaranteed by
design, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com