Electronic Components Datasheet Search
  English  ▼

X  

S8252 Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S8252
Description  BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8252 Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S8252 Datasheet HTML 6Page - Seiko Instruments Inc S8252 Datasheet HTML 7Page - Seiko Instruments Inc S8252 Datasheet HTML 8Page - Seiko Instruments Inc S8252 Datasheet HTML 9Page - Seiko Instruments Inc S8252 Datasheet HTML 10Page - Seiko Instruments Inc S8252 Datasheet HTML 11Page - Seiko Instruments Inc S8252 Datasheet HTML 12Page - Seiko Instruments Inc S8252 Datasheet HTML 13Page - Seiko Instruments Inc S8252 Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
S-8252 Series
Rev.3.1_01
Seiko Instruments Inc.
10
Test Circuits
Caution Unless otherwise specified, the output voltage levels "H" and "L" at CO pin (VCO) and DO pin (VDO) are
judged by the threshold voltage (1.0 V) of the N-channel FET. Judge the CO pin level with respect to
VVM and the DO pin level with respect to VSS.
1. Overcharge detection voltage, overcharge release voltage
(Test circuit 1)
Overcharge detection voltage (VCU1) is defined as the voltage V1 at which VCO goes from "H" to "L" when the voltage
V1 is gradually increased from the starting condition of V1 = V2 = VCU − 0.05 V, V3 = 0 V. Overcharge release voltage
(VCL1) is defined as the voltage V1 at which VCO goes from "L" to "H" when the voltage V1 is then gradually decreased
after setting V2 = 3.5 V. Overcharge hysteresis voltage (VHC1) is defined as the difference between VCU1 and VCL1.
Overcharge detection voltage (VCU2) is defined as the voltage V2 at which VCO goes from "H" to "L" when the voltage
V2 is gradually increased from the starting condition of V1 = V2 = VCU − 0.05 V, V3 = 0 V. Overcharge release voltage
(VCL2) is defined as the voltage V2 at which VCO goes from "L" to "H" when the voltage V2 is then gradually decreased
after setting V1 = 3.5 V. Overcharge hysteresis voltage (VHC2) is defined as the difference between VCU2 and VCL2.
2. Overdischarge detection voltage, overdischarge release voltage
(Test circuit 2)
Overdischarge detection voltage (VDL1) is defined as the voltage V1 at which VDO goes from "H" to "L" when the
voltage V1 is gradually decreased from the starting condition of V1 = V2 = 3.5 V, V3 = 0 V. Overdischarge release
voltage (VDU1) is defined as the voltage V1 at which VDO goes from "L" to "H" when the voltage V1 is then gradually
increased. Overdischarge hysteresis voltage (VHD1) is defined as the difference between VDU1 and VDL1.
Overdischarge detection voltage (VDL2) is defined as the voltage V2 at which VDO goes from "H" to "L" when the
voltage V2 is gradually decreased from the starting condition of V1 = V2 = 3.5 V, V3 = 0 V. Overdischarge release
voltage (VDU2) is defined as the voltage V2 at which VDO goes from "L" to "H" when the voltage V2 is then gradually
increased. Overdischarge hysteresis voltage (VHD2) is defined as the difference between VDU2 and VDL2.
3. Discharge overcurrent detection voltage
(Test circuit 2)
Discharge overcurrent detection voltage (VDIOV) is defined as the voltage V3 whose delay time for changing VDO from
"H" to "L" is discharge overcurrent detection delay time (tDIOV) when the voltage V3 is increased from the starting
condition of V1 = V2 = 3.5 V, V3 = 0 V.
4. Load short-circuiting detection voltage
(Test circuit 2)
Load short-circuiting detection voltage (VSHORT) is defined as the voltage V3 whose delay time for changing VDO from
"H" to "L" is load short-circuiting detection delay time (tSHORT) when the voltage V3 is increased from the starting
condition of V1 = V2 = 3.5 V, V3 = 0 V.
5. Charge overcurrent detection voltage, charger detection voltage
(Test circuit 2)
5. 1 With charge overcurrent detection function
Charge overcurrent detection voltage (VCIOV) is defined as the voltage V3 whose delay time for changing VCO
from "H" to "L" is charge overcurrent detection delay time (tCIOV) when the voltage V3 is decreased from the
starting condition of V1 = V2 = 3.5 V, V3 = 0 V.
5. 2 Without charge overcurrent detection function
Charger detection voltage (VCHA) is defined as the voltage V3 at which VCO goes from "H" to "L" when the
voltage V3 is decreased from the starting condition of V1 = V2 = 3.5 V, V3 = 0 V.
6. Current consumption during operation
(Test circuit 2)
The current consumption during operation (IOPE) is the current that flows through the VDD pin (IDD) under the set
conditions of V1 = V2 = 3.5 V, V3 = 0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com