Electronic Components Datasheet Search
  English  ▼

X  

S8261 Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S8261
Description  BATTERY PROTECTION IC FOR 1-CELL PACK
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8261 Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S8261 Datasheet HTML 1Page - Seiko Instruments Inc S8261 Datasheet HTML 2Page - Seiko Instruments Inc S8261 Datasheet HTML 3Page - Seiko Instruments Inc S8261 Datasheet HTML 4Page - Seiko Instruments Inc S8261 Datasheet HTML 5Page - Seiko Instruments Inc S8261 Datasheet HTML 6Page - Seiko Instruments Inc S8261 Datasheet HTML 7Page - Seiko Instruments Inc S8261 Datasheet HTML 8Page - Seiko Instruments Inc S8261 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.5.4_00
S-8261 Series
Seiko Instruments Inc.
5
Table 1 (2 / 2)
Product name
Overcharge
detection
voltage
[VCU]
Overcharge
hysteresis
voltage
[VHC]
Overdischarge
detection
voltage
[VDL]
Overdischarge
hysteresis
voltage
[VHD]
Overcurrent 1
detection
voltage
[VIOV1]
0 V battery
charge
function
Delay
time
combi-
nation
*1
Power-down
function
S-8261ACMMD-G4MT2x
4.325 V
0.20 V
3.00 V
0.4 V
0.06 V
Unavailable
(1)
Yes
S-8261ACNMD-G4NT2x
4.215 V
0.10 V
2.30 V
0.1 V
0.13 V
Unavailable
(1)
Yes
S-8261ACSMD-G4ST2y
4.350 V
0.10 V
2.30 V
0.1 V
0.15 V
Available
(6)
Yes
*1. Refer to the Table 2 about the details of the delay time combinations (1) to (9).
Remark 1.
Please contact our sales office for the products with detection voltage value other than those specified above.
2.
x: G or U
3.
y: S or U
4.
Please select products of environmental code = U for Sn 100%, halogen-free products.
Table 2
Delay time
combination
Overcharge
detection
delay time
[tCU]
Overdischarge
detection
delay time
[tDL]
Overcurrent 1
detection
delay time
[tlOV1]
Overcurrent 2
detection
delay time
[tlOV2]
Load short-circuiting
detection
delay time
[tSHORT]
(1)
1.2 s
144 ms
9 ms
2.24 ms
320
μs
(2)
1.2 s
144 ms
4.5 ms
2.24 ms
320
μs
(3)
4.6 s
36 ms
18 ms
9 ms
320
μs
(4)
4.6 s
144 ms
9 ms
2.24 ms
320
μs
(5)
1.2 s
36 ms
9 ms
2.24 ms
320
μs
(6)
1.2 s
144 ms
9 ms
1.12 ms
320
μs
(7)
1.2 s
290 ms
18 ms
2.24 ms
320
μs
(8)
1.2 s
144 ms
18 ms
2.24 ms
320
μs
(9)
0.3 s
36 ms
9 ms
1.12 ms
320
μs
Remark The delay times can be changed within the range listed Table 3. For details, please contact our sales office.
Table 3
Delay time
Symbol
Selection range
Remarks
Overcharge detection delay time
tCU
0.15 s
1.2 s
*1
4.6 s
Choose from the left.
Overdischarge detection delay time
tDL
36 ms
144 ms
*1
290 ms
Choose from the left.
Overcurrent 1 detection delay time
tlOV1
4.5 ms
9 ms
*1
18 ms
Choose from the left.
Overcurrent 2 detection delay time
tlOV1
1.12 ms
2.24 ms
*1
⎯
Choose from the left.
Load short-circuiting detection delay time
tSHORT
⎯
320
μs
*1
600
μs
Choose from the left.
*1. The value is the delay time of the standard products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com