Electronic Components Datasheet Search
  English  ▼

X  

S8261 Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S8261
Description  BATTERY PROTECTION IC FOR 1-CELL PACK
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8261 Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S8261 Datasheet HTML 3Page - Seiko Instruments Inc S8261 Datasheet HTML 4Page - Seiko Instruments Inc S8261 Datasheet HTML 5Page - Seiko Instruments Inc S8261 Datasheet HTML 6Page - Seiko Instruments Inc S8261 Datasheet HTML 7Page - Seiko Instruments Inc S8261 Datasheet HTML 8Page - Seiko Instruments Inc S8261 Datasheet HTML 9Page - Seiko Instruments Inc S8261 Datasheet HTML 10Page - Seiko Instruments Inc S8261 Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.5.4_00
S-8261 Series
Seiko Instruments Inc.
7
Absolute Maximum Ratings
Table 5
(Ta
= 25°C unless otherwise specified)
Item
Symbol
Applied pin
Absolute Maximum Rating
Unit
Input voltage between VDD and VSS
VDS
VDD
VSS
−0.3 to VSS +12
V
Input pin voltage for VM
VVM
VM
VDD
−28 to VDD +0.3
V
Output pin voltage for CO
VCO
CO
VVM
−0.3 to VDD+0.3
V
Output pin voltage for DO
VDO
DO
VSS
−0.3 to VDD +0.3
V
Power dissipation
PD
⎯
250 (When not mounted on board)
mW
650
*1
mW
Operating ambient temperature
Topr
⎯
−40 to +85
°C
Storage temperature
Tstg
⎯
−55 to +125
°C
*1. When mounted on board
[Mounted board]
(1) Board size :
114.3 mm
× 76.2 mm × t1.6 mm
(2) Board name :
JEDEC STANDARD51-7
Caution
The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
(1) When mounted on board
(2) When not mounted on board
600
400
0
200
0
50
100
150
500
300
100
700
Ambient temperature (Ta) [
°C]
600
400
0
200
0
50
100
150
Ambient temperature (Ta) [
°C]
500
300
100
Figure 3 Power Dissipation of Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com