Electronic Components Datasheet Search
  English  ▼

X  

S8261 Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S8261
Description  BATTERY PROTECTION IC FOR 1-CELL PACK
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8261 Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S8261 Datasheet HTML 5Page - Seiko Instruments Inc S8261 Datasheet HTML 6Page - Seiko Instruments Inc S8261 Datasheet HTML 7Page - Seiko Instruments Inc S8261 Datasheet HTML 8Page - Seiko Instruments Inc S8261 Datasheet HTML 9Page - Seiko Instruments Inc S8261 Datasheet HTML 10Page - Seiko Instruments Inc S8261 Datasheet HTML 11Page - Seiko Instruments Inc S8261 Datasheet HTML 12Page - Seiko Instruments Inc S8261 Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.5.4_00
S-8261 Series
Seiko Instruments Inc.
9
2. Except Detection Delay Time (
−40°C to +85°C
*1)
Table 7
(Ta
= −40°C to +85°C
*1 unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Condition
Test
Circuit
DETECTION VOLTAGE
Overcharge detection voltage
VCU
= 3.9 V to 4.5 V, 5 mV Step
VCU
⎯
VCU
−0.055
VCU
VCU
+0.040
V
1
1
Overcharge hysteresis voltage
VHC
= 0.1 V to 0.4 V, 50 mV Step
VHC
⎯
VHC
−0.025
VHC
VHC
+0.025
V
1
1
Overdischarge detection voltage
VDL
= 2.0 V to 3.0 V, 10 mV Step
VDL
⎯
VDL
−0.080
VDL
VDL
+0.080
V
2
2
Overdischarge hysteresis voltage
VHD
= 0.0 V to 0.7 V, 100 mV Step
VHD
⎯
VHD
−0.050
VHD
VHD
+0.050
V
2
2
Overcurrent 1 detection voltage
VIOV1
= 0.05 V to 0.3 V, 10 mV Step
VIOV1
⎯
VIOV1
−0.021
VIOV1
VIOV1
+0.021
V
3
2
Overcurrent 2 detection voltage
VIOV2
⎯
0.37
0.5
0.63
V
3
2
Load short-circuiting detection voltage
VSHORT
⎯
0.7
1.2
1.7
V
3
2
Charger detection voltage
VCHA
⎯
−1.2
−0.7
−0.2
V
4
2
INPUT VOLTAGE, OPERATION VOLTAGE
Operation voltage between VDD and VSS
VDSOP1 Internal circuit operating voltage
1.5
⎯
8
V
⎯
⎯
Operation voltage between VDD and VM
VDSOP2 Internal circuit operating voltage
1.5
⎯
28
V
⎯
⎯
CURRENT CONSUMPTION (with power-down function)
Current consumption in normal operation
IOPE
VDD
= 3.5 V, VVM = 0 V
0.7
3.5
8.0
μA
5
2
Current consumption at power down
IPDN
VDD
= VVM = 1.5 V
⎯
⎯
0.1
μA
5
2
CURRENT CONSUMPTION (without power-down function)
Current consumption in normal operation
IOPE
VDD
= 3.5 V, VVM = 0 V
0.7
3.5
8.0
μA
5
2
Overdischarge current consumption
IOPED
VDD
= VVM = 1.5 V
0.7
3.0
6.0
μA
5
2
OUTPUT RESISTANCE
CO pin resistance “H”
RCOH
VCO
= 3.0 V, VDD = 3.5 V, VVM = 0 V
1.2
5
15
k
Ω
7
4
CO pin resistance “L”
RCOL
VCO
= 0.5 V, VDD = 4.5 V, VVM = 0 V
1.2
5
15
k
Ω
7
4
DO pin resistance “H”
RDOH
VDO
= 3.0 V, VDD = 3.5 V, VVM = 0 V
1.2
5
15
k
Ω
8
4
DO pin resistance “L”
RDOL
VDO
= 0.5 V, VDD = VVM = 1.8 V
1.2
5
15
k
Ω
8
4
VM INTERNAL RESISTANCE
Internal resistance between VM and VDD
RVMD
VDD
= 1.8 V, VVM = 0 V
78
300
1310
k
Ω
6
3
Internal resistance between VM and VSS
RVMS
VDD
= 3.5 V, VVM = 1.0 V
7.2
20
44
k
Ω
6
3
0 V BATTERY CHARGE FUNCTION
0 V battery charge starting charger voltage
V0CHA
0 V battery charge “available”
1.7
⎯
⎯
V
11
2
0 V battery charge inhibition battery voltage
V0INH
0 V battery charge “unavailable”
⎯
⎯
0.3
V
12
2
*1. Since products are not screened at high and low temperatures, the specification for this temperature range is
guaranteed by design, not
tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com