Electronic Components Datasheet Search
  English  ▼

X  

S8261 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S8261
Description  BATTERY PROTECTION IC FOR 1-CELL PACK
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8261 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S8261 Datasheet HTML 1Page - Seiko Instruments Inc S8261 Datasheet HTML 2Page - Seiko Instruments Inc S8261 Datasheet HTML 3Page - Seiko Instruments Inc S8261 Datasheet HTML 4Page - Seiko Instruments Inc S8261 Datasheet HTML 5Page - Seiko Instruments Inc S8261 Datasheet HTML 6Page - Seiko Instruments Inc S8261 Datasheet HTML 7Page - Seiko Instruments Inc S8261 Datasheet HTML 8Page - Seiko Instruments Inc S8261 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
S-8261 Series
www.sii-ic.com
BATTERY PROTECTION IC FOR 1-CELL PACK
© Seiko Instruments Inc., 2001-2014
Rev.5.4_00
Seiko Instruments Inc.
1
The S-8261 Series is a lithium-ion / lithium polymer rechargeable battery protection IC incorporating high-accuracy voltage
detection circuit and delay circuits.
The S-8261 Series is suitable for protection of single-cell lithium-ion / lithium polymer battery packs from overcharge,
overdischarge and overcurrent.
Features
(1)
Internal high accuracy voltage detection circuit
• Overcharge detection voltage
3.9 V to 4.5 V (applicable in 5 mV step)
Accuracy:
±25 mV (+25°C) and
±30 mV (−5°C to +55°C)
• Overcharge hysteresis voltage
0.1 V to 0.4 V
*1
Accuracy:
±25 mV
The overcharge hysteresis voltage can be selected from the range 0.1 V to 0.4 V in 50 mV step.
• Overdischarge detection voltage
2.0 V to 3.0 V (applicable in 10 mV step)
Accuracy:
±50 mV
• Overdischarge hysteresis voltage
0.0 V to 0.7 V
*2
Accuracy:
±50 mV
The overdischarge hysteresis voltage can be selected from the range 0.0 V to 0.7 V in 100 mV step.
• Overcurrent 1 detection voltage
0.05 V to 0.3 V (applicable in 10 mV step) Accuracy:
±15 mV
• Overcurrent 2 detection voltage
0.5 V (fixed)
Accuracy:
±100 mV
(2)
High voltage device is used for charger connection pins (VM and CO pins: absolute maximum rating
= 28 V).
(3)
Delay times (overcharge: tCU, overdischarge: tDL, overcurrent 1: tlOV1, overcurrent 2: tlOV2) are generated by an
internal circuit. No external capacitor is necessary.
Accuracy:
±20%
(4)
Three-step overcurrent detection circuit is included (overcurrent 1, overcurrent 2 and load short-circuiting).
(5)
0 V battery charge function “Available” / “Unavailable” is selectable.
(6)
Power-down function “Yes” / “No” is selectable.
(7)
Charger detection function and abnormal charge current detection function
• The overdischarge hysteresis is released by detecting negative voltage at the VM pin (−0.7 V typ.) (Charger
detection function).
• When the output voltage of the DO pin is high and the voltage at the VM pin is equal to or lower than the charger
detection voltage (
−0.7 V typ.), the output voltage of the CO pin goes low (Abnormal charge current detection
function).
(8)
Low current consumption
• Operation mode
3.5
μA typ., 7.0 μA max.
• Power-down mode
0.1
μA max.
(9)
Wide operating temperature range
−40°C to +85°C
(10) Lead-free, Sn 100%, halogen-free
*3
*1. Overcharge release voltage
= Overcharge detection voltage − Overcharge hysteresis voltage (where overcharge
release voltage
< 3.8 V is prohibited.)
*2. Overdischarge release voltage
= Overdischarge detection voltage + Overdischarge hysteresis voltage (where
overdischarge release voltage
> 3.4 V is prohibited.)
*3. Refer to “ Product Name Structure” for details.
Applications
• Lithium-ion rechargeable battery packs
• Lithium polymer rechargeable battery packs
Package
• SOT-23-6


Similar Part No. - S8261

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8262A SII-S8262A Datasheet
436Kb / 36P
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
logo
List of Unclassifed Man...
S8263F ETC1-S8263F Datasheet
149Kb / 3P
3-INPUT 4-BIT DIGITAL MULTIPLEXER
S8263Q ETC1-S8263Q Datasheet
149Kb / 3P
3-INPUT 4-BIT DIGITAL MULTIPLEXER
logo
Seiko Instruments Inc
S8264A SII-S8264A Datasheet
716Kb / 36P
BATTERY PROTECTION IC FOR 2-SERIAL
logo
List of Unclassifed Man...
S8264F ETC1-S8264F Datasheet
149Kb / 3P
3-INPUT 4-BIT DIGITAL MULTIPLEXER
More results

Similar Description - S8261

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
BATTERY PROTECTION IC FOR 1-CELL PACK
logo
E-CMOS Corporation
EC9527A E-CMOS-EC9527A Datasheet
486Kb / 13P
Protection IC for 1-Cell Battery Pack
logo
ABLIC Inc.
S-82C1F ABLIC-S-82C1F Datasheet
843Kb / 42P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.3_00
S-82H1B ABLIC-S-82H1B Datasheet
561Kb / 29P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.0_00
S-8211C ABLIC-S-8211C Datasheet
636Kb / 43P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.7.7_03
S-8250B ABLIC-S-8250B Datasheet
577Kb / 32P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.1_03
S-8240A ABLIC-S-8240A Datasheet
783Kb / 48P
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.7_00
logo
Neotec Semiconductor Lt...
NT1713C NEOTEC-NT1713C Datasheet
283Kb / 5P
Protection IC for 1-Cell Battery Pack
V1.1
NT1715B NEOTEC-NT1715B Datasheet
250Kb / 4P
Battery Protection IC for 1-Cell Pack
V1.13
NT1715C NEOTEC-NT1715C Datasheet
228Kb / 4P
Battery Protection IC for 1-Cell Pack
V1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com