Electronic Components Datasheet Search
  English  ▼

X  

S8261 Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # S8261
Description  BATTERY PROTECTION IC FOR 1-CELL PACK
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8261 Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S8261 Datasheet HTML 8Page - Seiko Instruments Inc S8261 Datasheet HTML 9Page - Seiko Instruments Inc S8261 Datasheet HTML 10Page - Seiko Instruments Inc S8261 Datasheet HTML 11Page - Seiko Instruments Inc S8261 Datasheet HTML 12Page - Seiko Instruments Inc S8261 Datasheet HTML 13Page - Seiko Instruments Inc S8261 Datasheet HTML 14Page - Seiko Instruments Inc S8261 Datasheet HTML 15Page - Seiko Instruments Inc S8261 Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
S-8261 Series
Rev.5.4_00
Seiko Instruments Inc.
12
(5)
S-8261ABI, S-8261ABL, S-8261ABT
Table 12
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
condition
Test
circuit
DELAY TIME (Ta = 25°C)
Overcharge detection delay time
tCU
⎯
0.96
1.2
1.4
s
9
5
Overdischarge detection delay time
tDL
⎯
29
36
43
ms
9
5
Overcurrent 1 detection delay time
tlOV1
⎯
7.2
9
11
ms
10
5
Overcurrent 2 detection delay time
tlOV2
⎯
1.8
2.24
2.7
ms
10
5
Load short-circuiting detection delay time
tSHORT
⎯
220
320
380
μs
10
5
DELAY TIME (Ta =
−40°C to +85°C)
*1
Overcharge detection delay time
tCU
⎯
0.7
1.2
2.0
s
9
5
Overdischarge detection delay time
tDL
⎯
20
36
61
ms
9
5
Overcurrent 1 detection delay time
tlOV1
⎯
5
9
15
ms
10
5
Overcurrent 2 detection delay time
tlOV2
⎯
1.2
2.24
3.8
ms
10
5
Load short-circuiting detection delay time
tSHORT
⎯
150
320
540
μs
10
5
*1. Since products are not screened at high and low temperatures, the specification for this temperature range is guaranteed by design,
not tested in production.
(6)
S-8261ABY, S-8261ABZ, S-8261ACA, S-8261ACS
Table 13
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Condition
Test
Circuit
DELAY TIME (Ta = 25°C)
Overcharge detection delay time
tCU
⎯
0.96
1.2
1.4
s
9
5
Overdischarge detection delay time
tDL
⎯
115
144
173
ms
9
5
Overcurrent 1 detection delay time
tlOV1
⎯
7.2
9
11
ms
10
5
Overcurrent 2 detection delay time
tlOV2
⎯
0.89
1.12
1.35
ms
10
5
Load short-circuiting detection delay time
tSHORT
⎯
220
320
380
μs
10
5
DELAY TIME (Ta =
−40°C to +85°C)
*1
Overcharge detection delay time
tCU
⎯
0.7
1.2
2.0
s
9
5
Overdischarge detection delay time
tDL
⎯
80
144
245
ms
9
5
Overcurrent 1 detection delay time
tlOV1
⎯
5
9
15
ms
10
5
Overcurrent 2 detection delay time
tlOV2
⎯
0.61
1.12
1.91
ms
10
5
Load short-circuiting detection delay time
tSHORT
⎯
150
320
540
μs
10
5
*1. Since products are not screened at high and low temperatures, the specification for this temperature range is guaranteed by design,
not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com